Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2735AIDGKR Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2735AIDGKR
Description  0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2735AIDGKR Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA2735AIDGKR Datasheet HTML 5Page - Burr-Brown (TI) OPA2735AIDGKR Datasheet HTML 6Page - Burr-Brown (TI) OPA2735AIDGKR Datasheet HTML 7Page - Burr-Brown (TI) OPA2735AIDGKR Datasheet HTML 8Page - Burr-Brown (TI) OPA2735AIDGKR Datasheet HTML 9Page - Burr-Brown (TI) OPA2735AIDGKR Datasheet HTML 10Page - Burr-Brown (TI) OPA2735AIDGKR Datasheet HTML 11Page - Burr-Brown (TI) OPA2735AIDGKR Datasheet HTML 12Page - Burr-Brown (TI) OPA2735AIDGKR Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
OPA734, OPA2734
OPA735, OPA2735
SBOS282B − DECEMBER 2003 − REVISED FEBRUARY 2005
www.ti.com
9
Low-gain (< 20) operation demands that the auto-zero
circuitry correct for common-mode rejection errors of the
main amplifier. Because these errors can be larger than
0.1% of a full-scale input step change, one calibration
cycle (100
µs) can be required to achieve full accuracy.
The term clock feedthrough describes the presence of the
clock frequency in the output spectrum. In auto-zeroed op
amps, clock feedthrough may result from the settling of the
internal sampling capacitor, or from the small amount of
charge injection that occurs during the sample-and-hold of
the op amp offset voltage. Feedthrough can be minimized
by keeping the source impedance relatively low (< 1k
Ω)
and matching the source impedance on both input
terminals. If the source resistance is high (> 1k
Ω)
feedthrough can generally be reduced with a capacitor of
1nF or greater in parallel with the source or feedback
resistors. See the circuit application examples.
LAYOUT GUIDELINES
Attention to good layout practices is always recom-
mended. Keep traces short. When possible, use a PCB
ground plane with surface-mount components placed as
close to the device pins as possible. Place a 0.1
µF
capacitor closely across the supply pins. These guidelines
should be applied throughout the analog circuit to improve
performance and provide benefits such as reducing the
electromagnetic-interference (EMI) susceptibility.
R
1
V
EX
V
OUT
V
REF
R
1
OPA734
R
R
RR
+10V
1nF
1nF
Figure 2. Single Op Amp Bridge Amplifier Circuit
1/2
OP A 2735
R
3
10k
R
3
10k
R
1
1k
1/2
OP A 2735
R
2
1k
C
4
1nF
C
4
1nF
R
G
10V
C
1
(1)
1nF
C
2
(1)
10nF
C
3
(1)
1nF
V
REF = 15V
2
4
6
REF102
NOTE: (1) Place close to input pins.
R
R
RR
G= 1 + 2
R
3
R
G
Figure 3. Differential Output Bridge Amplifier


Similar Part No. - OPA2735AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2735AIDGKR TI-OPA2735AIDGKR Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
More results

Similar Description - OPA2735AIDGKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA335 BURR-BROWN-OPA335 Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
OPA334 BURR-BROWN-OPA334_12 Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com