Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2G3236 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST2G3236
Description  2-bit dual supply bus transceiver level translator with a side series resistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2G3236 Datasheet(HTML) 4 Page - STMicroelectronics

  ST2G3236 Datasheet HTML 1Page - STMicroelectronics ST2G3236 Datasheet HTML 2Page - STMicroelectronics ST2G3236 Datasheet HTML 3Page - STMicroelectronics ST2G3236 Datasheet HTML 4Page - STMicroelectronics ST2G3236 Datasheet HTML 5Page - STMicroelectronics ST2G3236 Datasheet HTML 6Page - STMicroelectronics ST2G3236 Datasheet HTML 7Page - STMicroelectronics ST2G3236 Datasheet HTML 8Page - STMicroelectronics ST2G3236 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Logic diagram and I/O equivalent circuit
ST2G3236
4/20
1.1
Truth table
1.2
Recommended power-up sequence is as follows:
1.
Apply power to either VCC
2.
Apply power to the OE input and to the respective data inputs. This may occur at the
same time as Step 1.
3.
Apply power to other VCC
4.
Drive the OE input LOW to enable the device.
1.3
The recommended power-down sequence is as follows:
1.
Drive OE input HIGH to disable the device
2.
Remove power from either VCC
3.
Remove power from other VCC
Table 1.
Truth table
Inputs
Function
Output
OE
DIRn
A BUS
B BUS
L
L
Output
Input
B => A
L
H
Input
Output
B <= A
H
X
High-Z
High-Z
HIGH-Z


Similar Part No. - ST2G3236

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ST2 MICRONETICS-ST2 Datasheet
90Kb / 2P
   Legacy 10 kHz to 3000 MHz
logo
Switchcraft, Inc.
ST2 SWITCH-ST2 Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
logo
E-SWITCH
ST2 E-SWITCH-ST2 Datasheet
122Kb / 1P
   ST2 Series
logo
Superworld Electronics
ST2-10 SUPERWORLD-ST2-10 Datasheet
110Kb / 1P
   POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
ST2-10B41 PULSE-ST2-10B41 Datasheet
159Kb / 1P
   Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
More results

Similar Description - ST2G3236

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1G3236 STMICROELECTRONICS-ST1G3236 Datasheet
356Kb / 19P
   1-bit dual supply bus transceiver level translator with A-side series resistor
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST16C32245 STMICROELECTRONICS-ST16C32245 Datasheet
496Kb / 20P
   14 BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR, A SIDE SERIES RESISTOR, 2 BIT I2C LINES
ST4G3235 STMICROELECTRONICS-ST4G3235_07 Datasheet
218Kb / 21P
   4-bit dual supply bus buffer level translator with a side series resistor
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
   1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3234B STMICROELECTRONICS-ST1G3234B Datasheet
254Kb / 17P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST4G3234 STMICROELECTRONICS-ST4G3234 Datasheet
472Kb / 11P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com