Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM27C1024-90 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM27C1024-90
Description  1 Megabit (65 K x 16-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C1024-90 Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM27C1024-90 Datasheet HTML 1Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 2Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 3Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 4Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 5Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 6Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 7Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 8Page - Advanced Micro Devices AM27C1024-90 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Am27C1024
PRODUCT SELECTOR GUIDE
CONNECTION DIAGRAMS
DIP
PLCC
Notes:
1. JEDEC nomenclature is in parenthesis.
2. Don’t use (DU) for PLCC.
PIN DESIGNATIONS
A0–A15
= Address Inputs
CE# (E#)
= Chip Enable Input
DQ0–DQ15 = Data Input/Outputs
OE# (G#)
= Output Enable Input
PGM# (P#)
= Program Enable Input
VCC
=VCC Supply Voltage
VPP
= Program Voltage Input
VSS
= Ground
NC
= No Internal Connection
LOGIC SYMBOL
Family Part Number
Am27C1024
Speed Options
VCC = 5.0 V ± 5%
-55
-255
VCC = 5.0 V ± 10%
-55
-70
-90
-120
-150
-200
Max Access Time (ns)
55
70
90
120
150
200
250
CE# (E#) Access (ns)
55
70
90
120
150
200
250
OE# (G#) Access (ns)
40
40
45
50
65
75
75
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VCC
PGM# (P#)
NC
A15
A14
A13
A12
A11
A10
A9
VSS
A8
A7
A6
A5
A4
A3
A2
A1
A0
VPP
CE# (E#)
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
VSS
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
OE# (G#)
06780J-2
1 444342
5432
641 40
7
8
9
10
11
12
13
14
15
16
17
A13
A12
A11
A10
A9
VSS
NC
A8
A7
A6
A5
39
38
37
36
35
34
33
32
31
30
29
DQ12
DQ11
DQ10
DQ9
DQ8
VSS
NC
DQ7
DQ6
DQ5
DQ4
23 24 25 26
19 20 21 22
18
27 28
06780J-3
16
16
DQ0–DQ15
A0–A15
CE# (E#)
OE# (G#)
06780J-4
PGM# (P#)


Similar Part No. - AM27C1024-90

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C128 AMD-AM27C128 Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120 AMD-AM27C128-120 Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DC AMD-AM27C128-120DC Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DCB AMD-AM27C128-120DCB Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DE AMD-AM27C128-120DE Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
More results

Similar Description - AM27C1024-90

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
logo
Advanced Micro Devices
AM27X2048 AMD-AM27X2048 Datasheet
136Kb / 10P
   2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com