Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2734AIDGST Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2734AIDGST
Description  0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2734AIDGST Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA2734AIDGST Datasheet HTML 4Page - Burr-Brown (TI) OPA2734AIDGST Datasheet HTML 5Page - Burr-Brown (TI) OPA2734AIDGST Datasheet HTML 6Page - Burr-Brown (TI) OPA2734AIDGST Datasheet HTML 7Page - Burr-Brown (TI) OPA2734AIDGST Datasheet HTML 8Page - Burr-Brown (TI) OPA2734AIDGST Datasheet HTML 9Page - Burr-Brown (TI) OPA2734AIDGST Datasheet HTML 10Page - Burr-Brown (TI) OPA2734AIDGST Datasheet HTML 11Page - Burr-Brown (TI) OPA2734AIDGST Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
OPA734, OPA2734
OPA735, OPA2735
SBOS282B − DECEMBER 2003 − REVISED FEBRUARY 2005
www.ti.com
8
APPLICATIONS INFORMATION
The OPA734 and OPA735 series of op amps are
unity-gain stable and free from unexpected output phase
reversal. They use auto-zeroing techniques to provide low
offset voltage and demonstrate very low drift over time and
temperature.
Good layout practice mandates the use of a 0.1
µF
capacitor placed closely across the supply pins.
For lowest offset voltage and precision performance,
circuit layout and mechanical conditions should be
optimized. Avoid temperature gradients that create
thermoelectric
(Seebeck)
effects
in
thermocouple
junctions formed from connecting dissimilar conductors.
These thermally-generated potentials can be made to
cancel by assuring that they are equal on both input
terminals:
1.
Use low thermoelectric-coefficient connections
(avoid dissimilar metals).
2.
Thermally isolate components from power supplies
or other heat sources.
3.
Shield op amp and input circuitry from air currents
such as cooling fans.
Following these guidelines will reduce the likelihood of
junctions being at different temperatures, which can cause
thermoelectric voltages of 0.1
µV/°C or higher, depending
on the materials used.
OPERATING VOLTAGE
The OPA734 and OPA735 op amp family operates with a
power-supply range of +2.7V to +12V (
±1.35V to ±6V).
Supply voltages higher than +13.2V (absolute maximum)
can permanently damage the amplifier. Parameters that
vary over supply voltage or temperature are shown in the
Typical Characteristics section of this data sheet.
OPA734 ENABLE FUNCTION
The enable/shutdown digital input is referenced to the V−
supply voltage of the op amp. A logic HIGH enables the op
amp. A valid logic HIGH is defined as > (V−) + 2V. The valid
logic HIGH signal can be up to the positive supply,
independent of the negative power supply voltage. A valid
logic LOW is defined as < 0.8V above the V− supply pin.
If dual or split power supplies are used, be sure that logic
input signals are properly referred to the negative supply
voltage. The Enable pin is connected to internal pull-up
circuitry and will enable the device if this pin is left open
circuit.
The logic input is a CMOS input. Separate logic inputs are
provided for each op amp on the dual version. For
battery-operated applications, this feature can be used to
greatly reduce the average current and extend battery life.
The enable time is 150
µs, which includes one full
auto-zero cycle required by the amplifier to return to VOS
accuracy. Prior to returning to full accuracy, the amplifier
may function properly, but with unspecified offset voltage.
Disable time is 1.5
µs. When disabled, the output assumes
a high-impedance state. The disable state allows the
OPA734 to be operated as a gated amplifier, or to have the
output multiplexed onto a common analog output bus.
INPUT VOLTAGE
The input common-mode range extends from (V−) − 0.1V
to (V+) − 1.5V. For normal operation, the inputs must be
limited to this range. The common-mode rejection ratio is
only valid within the specified input common-mode range.
A lower supply voltage results in lower input common-
mode range; therefore, attention to these values must be
given when selecting the input bias voltage. For example,
when operating on a single 3V power supply, common-
mode range is from 0.1V below ground to half the
power-supply voltage.
Normally, input bias current is approximately 100pA;
however, input voltages exceeding the power supplies can
cause excessive current to flow in or out of the input pins.
Momentary voltages greater than the power supply can be
tolerated if the input current is limited to 10mA. This is
easily accomplished with an input resistor, as shown in
Figure 1.
50
OPA735
+5V
V
IN
V
OUT
10mA max
I
OVERLOAD
Current−limited resistor required
if input voltage exceeds supply
rails by
≥ 0.5V.
Figure 1. Input Current Protection
INTERNAL OFFSET CORRECTION
The OPA734 and OPA735 series of op amps use an
auto-zero topology with a time-continuous 1.6MHz op amp
in the signal path. This amplifier is zero-corrected every
100
µs using a proprietary technique. Upon power-up, the
amplifier requires one full auto-zero cycle of approximately
100
µs in addition to the start-up time for the bias circuitry
to achieve specified VOS accuracy. Prior to this time, the
amplifier may function properly but with unspecified offset
voltage.


Similar Part No. - OPA2734AIDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2734AIDGST TI-OPA2734AIDGST Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
More results

Similar Description - OPA2734AIDGST

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA335 BURR-BROWN-OPA335 Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
OPA334 BURR-BROWN-OPA334_12 Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com