Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR5PM-12LG-A8 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # BCR5PM-12LG-A8
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR5PM-12LG-A8 Datasheet(HTML) 5 Page - Renesas Technology Corp

  BCR5PM-12LG-A8 Datasheet HTML 1Page - Renesas Technology Corp BCR5PM-12LG-A8 Datasheet HTML 2Page - Renesas Technology Corp BCR5PM-12LG-A8 Datasheet HTML 3Page - Renesas Technology Corp BCR5PM-12LG-A8 Datasheet HTML 4Page - Renesas Technology Corp BCR5PM-12LG-A8 Datasheet HTML 5Page - Renesas Technology Corp BCR5PM-12LG-A8 Datasheet HTML 6Page - Renesas Technology Corp BCR5PM-12LG-A8 Datasheet HTML 7Page - Renesas Technology Corp BCR5PM-12LG-A8 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BCR5PM-12LG
Rev.2.00
Mar 06, 2007
page 5 of 7
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
Latching Current vs.
Junction Temperature
Junction Temperature (°C)
10
2
7
5
3
2
7
5
3
2
10
1
10
0
–60 –40–20 0 20 40 60 80 100 120
160
140
–60 –40–20 0 20 40 60 80 100 120
160
140
10
3
7
5
3
2
7
5
3
2
7
5
3
2
10
2
10
1
10
0
0
20
40
80
60
100
120
140
160
–60 –40–20 0 20 40 60 80 100 120
160
140
23 5 710
2
10
1
23 5 710
3
23 5 710
4
23 5 710
2
10
1
23 5 710
3
23 5 710
4
0
20
40
80
60
100
120
160
140
0
20
40
80
60
100
120
160
140
2
3
5
7
2
3
5
7
7
10
1
10
0
10
0
10
1
10
2
37
25
3
7
25
Rate of Rise of Off-State Voltage (V/
µs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj=125°C)
Rate of Rise of Off-State Voltage (V/
µs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj=150°C)
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
Commutation Characteristics (Tj=125°C)
Rate of Decay of On-State
Commutating Current (A/ms)
Typical Example
VD = 12V
Distribution
Typical Example
T2+, G+
T2–, G–
Typical Example
T2+, G–
Typical Example
Distribution
Typical Example
Tj = 125°C
III Quadrant
I Quadrant
Typical Example
Tj = 150°C
III Quadrant
I Quadrant
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
Typical Example
Tj = 125°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
I Quadrant
III Quadrant
Minimum
Characteristics
Value


Similar Part No. - BCR5PM-12LG-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5PM-12LG-A8 RENESAS-BCR5PM-12LG-A8 Datasheet
118Kb / 8P
   Triac
More results

Similar Description - BCR5PM-12LG-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com