Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1102T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA1102T
Description  Fast charge ICs for NiCd, NiMH, SLA and LiIon
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1102T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1102T Datasheet HTML 3Page - NXP Semiconductors TEA1102T Datasheet HTML 4Page - NXP Semiconductors TEA1102T Datasheet HTML 5Page - NXP Semiconductors TEA1102T Datasheet HTML 6Page - NXP Semiconductors TEA1102T Datasheet HTML 7Page - NXP Semiconductors TEA1102T Datasheet HTML 8Page - NXP Semiconductors TEA1102T Datasheet HTML 9Page - NXP Semiconductors TEA1102T Datasheet HTML 10Page - NXP Semiconductors TEA1102T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1999 Jan 27
7
Philips Semiconductors
Preliminary specification
Fast charge ICs for NiCd, NiMH, SLA and
LiIon
TEA1102; TEA1102T;
TEA1102TS
After the ‘fill-up’ period the charge current is not regulated,
which means that the output drivers AO and PWM are
fixed to zero. When the battery voltage becomes less than
3 V for Lilon and 1.5 V for SLA, the IC enters the fast
charge mode again.
FUNCTIONAL DESCRIPTION
Control logic
The main function of the control logic is to support the
communication between several blocks. It also controls
the charge method, initialization and battery full detection.
The block diagram of the TEA1102x is illustrated in Fig.1.
Conditioning charge method and initializations
At system switch-on, or at battery insertion, the control
logic sets the initialization mode in the timer block. After
the initialization time the timer program pins can be used
to indicate the charging state using several LEDs.
The charge method is defined at the same time by the
following methods:
• If the FCT pin is 0 or 1.25 V, indicating that SLA or LiIon
batteries have to be charged, the battery will be charged
by limit current and limit voltage regulation. Without
identification (FCT pin floating), the system will charge
the battery according to the charge characteristic of
NiCd and NiMH batteries.
• The standby charge method (NiCd and NiMH), trickle
charge or voltage regulation, is defined by the input pin
Vstb. By biasing this voltage with a set voltage, the output
voltage will be regulated to the Vstb set voltage. If this pin
is connected to VS, or no NTC is connected the system
applies trickle charge.
If pin RFSH is connected to ground by depressing the
switch, the TEA1102x discharges the battery via an
external transistor connected to pin RFSH. The discharge
current is regulated with respect to the external (charge)
sense resistor (Rsense). End-of-discharge is reached when
the battery is discharged to 1 V per cell. Refreshing the
battery can only be activated during charging of NiCd and
NiMH batteries. When charging LiIon and SLA batteries,
discharge before charge is disabled.
The inhibit mode has the main priority. This mode is
activated when the Vstb input pin is connected to ground.
Inhibit can be activated at any charge/discharge state,
whereby the output control signals will be zero, all LEDs
will be disabled and the charger timings will be set on hold.
Table 1 gives an operational summary.
Table 1
Functionality of program pins
Notes
1. Where X = don’t care.
2. Not low means floating or high.
3. The NTC voltage has been to be less than 3.3 V, which indicates the presence of an NTC.
4. The NTC voltage is outside the window for NTC detection.
5. Vstb has to be floating or set to a battery regulating voltage in accordance with the specification.
FUNCTION
FCT
NTC
RFSH
Vstb
Inhibit
X(1)
X(1)
X(1)
low
LiIon and SLA detection
low
X(1)
X(1)
X(1)
Refresh (NiCd and NiMH)
not low(2)
X(1)
low
not low
∆T/∆t detection
floating
note 3
not low
not low
∆T/∆t and voltage peak detection
high
note 3
not low
not low
Voltage peak detection
not low
note 4
not low
not low
Trickle charge at standby
not low
X(1)
not low
high
not low
note 4
not low
not low
Voltage regulation at standby
not low
note 3
not low
floating(5)


Similar Part No. - TEA1102T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1100T PHILIPS-TEA1100T Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1101T PHILIPS-TEA1101T Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
More results

Similar Description - TEA1102T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Texas Instruments
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com