Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DS96F174 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. DS96F174
Description  RS-485 COMPARABLE QUAD DIFFERENTIAL DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 6 page
background image
MICROCIRCUIT DATA SHEET
MNDS96F174M-X REV 1B0
Graphics and Diagrams
GRAPHICS#
DESCRIPTION
E20ARE
LCC (E), TYPE C, 20 TERMINAL(P/P DWG)
J16ARL
CERDIP (J), 16 LEAD (P/P DWG)
W16ARL
CERPACK (W), 16 LEAD (P/P DWG)
See attached graphics following this page.
6




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS26LV31QML3V Enhanced CMOS Quad Differential Line Driver 1 2 3 4 5 National Semiconductor (TI)
SN65LVDS047_06LVDS QUAD DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
SN65MLVD047_06MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
MM88C29Quad Single-Ended Line Driver . Dual Differential Line Driver 1 2 3 4 5 MoreFairchild Semiconductor
ST26C31_06CMOS quad tri-state differential line driver 1 2 3 4 5 MoreSTMicroelectronics
MC100EL17_065V ECL Quad Differential Receiver 1 2 3 4 5 MoreON Semiconductor
MC100LVEP210_062.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver 1 2 3 4 5 MoreON Semiconductor
SY10E111AE_065V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/ENABLE 1 2 3 4 5 MoreMicrel Semiconductor
ISL1540-52V Dual Channel Differential DSL Line Driver 1 2 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl