Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSMBZ5254B Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSMBZ5254B
Description  ZENER DIODES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSMBZ5254B Datasheet(HTML) 1 Page - GTM CORPORATION

  GSMBZ5254B Datasheet HTML 1Page - GTM CORPORATION GSMBZ5254B Datasheet HTML 2Page - GTM CORPORATION GSMBZ5254B Datasheet HTML 3Page - GTM CORPORATION GSMBZ5254B Datasheet HTML 4Page - GTM CORPORATION GSMBZ5254B Datasheet HTML 5Page - GTM CORPORATION GSMBZ5254B Datasheet HTML 6Page - GTM CORPORATION GSMBZ5254B Datasheet HTML 7Page - GTM CORPORATION GSMBZ5254B Datasheet HTML 8Page - GTM CORPORATION GSMBZ5254B Datasheet HTML 9Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
ISSUED DATE :2004/11/15
REVISED DATE :
GSMBZ5221B~GSMBZ5270B
Description
ZENER DIODES
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Total Device Dissipation FR-5 Board
Ta=25 ‘ , Derate above 25 ‘
PD
225
1.8
mW
mW/ ‘
Total Device Dissipation
Alumina Substrate**TA=25 ‘ , Derate above 25 ‘
PD
300
2.4
mW
mW/ ‘
Thermal Resistance Junction to Ambient
R JA
417
‘ /W
Junction and Storage Temperature
Tj,Tstg
-55 to +150
*FR-5 - 1.0 0.75 0.062 in. **Alumina-0.4 0.3 0.024 in. 99.5% alumina.
Thermal Characteristics (VF=0.9V Max @ IF=10mA for all types.)
Test
Current
Zener Voltage
Vz(V)
ZZK
IZ=0.25mA
ZZT
IZ=IZT
Max. Reverse
Current
Device
Marking
Code
IZT(mA)
Min
Nominal
Max
ÆÆÆÆMax
ÆÆÆÆMax
IR(uA)
@VR(V)
GSMBZ5221B
18A
20
2.280
2.4
2.520
1200
30
100
1.0
GSMBZ5222B
18B
20
2.375
2.5
2.625
1250
30
100
1.0
GSMBZ5223B
18C
20
2.565
2.7
2.835
1300
30
75
1.0
GSMBZ5224B
18D
20
2.660
2.8
2.940
1400
30
75
1.0
GSMBZ5225B
18E
20
2.850
3.0
3.150
1600
29
50
1.0
GSMBZ5226B
8A
20
3.135
3.3
3.465
1600
28
25
1.0
GSMBZ5227B
8B
20
3.420
3.6
3.780
1700
24
15
1.0
GSMBZ5228B
8C
20
3.705
3.9
4.095
1900
23
10
1.0
GSMBZ5229B
8D
20
4.085
4.3
4.515
2000
22
5.0
1.0
GSMBZ5230B
8E
20
4.465
4.7
4.935
1900
19
5.0
2.0
GSMBZ5231B
8F
20
4.845
5.1
5.355
1600
17
5.0
2.0
GSMBZ5232B
8G
20
5.320
5.6
5.880
1600
17
5.0
3.0
GSMBZ5233B
8H
20
5.700
6.0
6.300
1600
7.0
5.0
3.5
GSMBZ5234B
8J
20
5.890
6.2
6.510
1000
7.0
5.0
4.0
GSMBZ5235B
8K
20
6.460
6.8
7.140
750
5.0
3.0
5.0
GSMBZ5236B
8L
20
7.125
7.5
7.875
500
6.0
3.0
6.0
GSMBZ5237B
8M
20
7.790
8.2
8.610
500
8.0
3.0
6.5
GSMBZ5238B
8N
20
8.265
8.7
9.135
600
8.0
3.0
6.5
GSMBZ5239B
8P
20
8.645
9.1
9.555
600
10
3.0
7.0
GSMBZ5240B
8Q
20
9.500
10
10.500
600
17
3.0
8.0


Similar Part No. - GSMBZ5254B

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSMBZ5221B ETL-GSMBZ5221B Datasheet
826Kb / 9P
   ZENER DIODES
GSMBZ5221B-5270B ETL-GSMBZ5221B-5270B Datasheet
826Kb / 9P
   ZENER DIODES
GSMBZ5222B ETL-GSMBZ5222B Datasheet
826Kb / 9P
   ZENER DIODES
GSMBZ5223B ETL-GSMBZ5223B Datasheet
826Kb / 9P
   ZENER DIODES
GSMBZ5224B ETL-GSMBZ5224B Datasheet
826Kb / 9P
   ZENER DIODES
More results

Similar Description - GSMBZ5254B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com