Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5DS4M32EG Datasheet(PDF) 11 Page - NanoAmp Solutions, Inc.

Part # NT5DS4M32EG
Description  1M 횞 32 Bits 횞 4 Banks Double Data Rate Synchronous RAM With Bi-Directional Data Strobe and DLL
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

NT5DS4M32EG Datasheet(HTML) 11 Page - NanoAmp Solutions, Inc.

Back Button NT5DS4M32EG Datasheet HTML 7Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 8Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 9Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 10Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 11Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 12Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 13Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 14Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 15Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Doc # 14-02-045 Rev A ECN 01-1118
11
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
NT5DS4M32EG
Advance Information
Burst Interruption
Read Interrupted by Read
Burst Read can be interrupted before completion of the burst by new Read command of any bank. When the
previous burst is interrupted, the remaining address are overridden by the new address with the full burst length. The
data from the previous Read command continues to appear on the outputs until the /CAS latency from the interrupting
Read command is satisfied. Read to Read interval is minimum 1 tCK.
Figure 10: Burst Interrupted by Read (Burst length = 4, /CAS Latency = 3)
Read Interrupted by Burst stop & Write
To interrupt Burst Read with a write command, Burst stop command must be asserted to avoid data contention on
the I/O bus by placing the DQ’s(Output drivers) in a high impedance state at least one clock cycle before the Write
Command is initiated. Once the burst stop command has been issued, the minimum delay to a write command is
CL(RU). [CL is /CAS Latency and RU means round up to the nearest integer.]
Figure 11: Burst Interrupted by Burst Stop & Write (Burst Length = 4, /CAS Latency = 3)
012
READ B
/CK
CK
Command
345
6
7
8
NOP
NOP
NOP
NOP
NOP
NOP
NOP
READ A
DQS
Douta0 Douta1 Doutb0 Doutb1
DQ’s
Doutb2 Doutb3
/CAS Latency = 3
012
READ B
/CK
CK
Command
345
6
7
8
NOP
NOP
NOP
NOP
NOP
NOP
NOP
READ A
DQS
Douta0 Douta1 Doutb0 Doutb1
DQ’s
Doutb2 Doutb3
/CAS Latency = 3
012
Burst
stop
/CK
CK
Command
345
6
7
8
NOP
NOP
NOP
WRITE
NOP
NOP
READ
DQS
Dout0 Dout1
Din 0
Din 1
DQ’s
Din 2
Din 3
/CAS Latency = 3
tRPRE
Preamble
tWPREH
tDQSS
tWPRES
012
Burst
stop
/CK
CK
Command
345
6
7
8
NOP
NOP
NOP
WRITE
NOP
NOP
READ
DQS
Dout0 Dout1
Din 0
Din 1
DQ’s
Din 2
Din 3
/CAS Latency = 3
tRPRE
Preamble
tWPREH
tDQSS
tWPRES


Similar Part No. - NT5DS4M32EG

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
NT5DS16M16CS NANOAMP-NT5DS16M16CS Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CS-5T NANOAMP-NT5DS16M16CS-5T Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CS-6K NANOAMP-NT5DS16M16CS-6K Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CT NANOAMP-NT5DS16M16CT Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CT-5T NANOAMP-NT5DS16M16CT-5T Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
More results

Similar Description - NT5DS4M32EG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D26323RA SAMSUNG-K4D26323RA Datasheet
303Kb / 18P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL
K4D263238M SAMSUNG-K4D263238M Datasheet
281Kb / 19P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL
K4D263238F SAMSUNG-K4D263238F Datasheet
237Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A SAMSUNG-K4D263238A Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238D SAMSUNG-K4D263238D Datasheet
239Kb / 18P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238E SAMSUNG-K4D263238E Datasheet
310Kb / 17P
   1M x 32Bit x 4 Banks Graphic Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
logo
Winbond
W9412G2IB WINBOND-W9412G2IB Datasheet
832Kb / 50P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9412G2CB WINBOND-W9412G2CB Datasheet
1Mb / 49P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
   1M 횞 4 BANKS 횞 16 BITS SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com