Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5DS4M32EG Datasheet(PDF) 1 Page - NanoAmp Solutions, Inc.

Part # NT5DS4M32EG
Description  1M 횞 32 Bits 횞 4 Banks Double Data Rate Synchronous RAM With Bi-Directional Data Strobe and DLL
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

NT5DS4M32EG Datasheet(HTML) 1 Page - NanoAmp Solutions, Inc.

  NT5DS4M32EG Datasheet HTML 1Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 2Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 3Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 4Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 5Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 6Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 7Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 8Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
NanoAmp Solutions, Inc.
1982 Zanker Road, San Jose, CA 95112
ph: 408-573-8878, FAX: 408-573-8877
www.nanoamp.com
NT5DS4M32EG
Doc # 14-02-045 Rev A ECN 01-1118
1
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
Advance Information
1M × 32 Bits × 4 Banks Double Data Rate Synchronous RAM
With Bi-Directional Data Strobe and DLL
General Overview
The NT5DS4M32EG is 134,217,728 bits of double data rate synchronous dynamic RAM organized as 4 x 1,048,576
bits by 32 I/Os. Synchronous features with Data Strobe allow extremely high performance up to 400Mbps/pin. I/O
transactions are possible on both edges of the clock. Range of operating frequencies, programmable burst length and
programmable latencies allow the device to be useful for a variety of high performance memory system applications.
Features
• VDD = 2.5V±5% , VDDQ = 2.5V±5%
• SSTL_2 compatible inputs/outputs
• 4 banks operation
• MRS cycle with address key programs
-CAS latency 2,3 (clock)
-Burst length (2, 4, 8 and Full page)
-Burst type (sequential & interleave)
• Full page burst length for sequential burst type
only
• Start address of the full page burst should be even
• All inputs except data & DM are sampled at the ris-
ing edge of the system clock
• Differential clock input(CK & /CK)
• Data I/O transaction on both edges of Data strobe
• 4 DQS (1 DQS/Byte)
• DLL aligns DQ and DQS transaction with Clock
transaction
• Edge aligned data & data strobe output
• Center aligned data & data strobe input
• DM for write masking only
•Auto & self refresh
• 32ms refresh period (4K cycle)
• 144-Ball FBGA package
• Maximum clock frequency up to 200MHz
• Maximum data rate up to 400Mbps/pin
Ordering Information
Part Number
Package
Operating
Temperature
Max. Frequency
Max Data
Rate
Interface
CL = 3
CL = 2
NT5DS4M32EG-5G
144-Balls
Green FBGA
0 - 70 °C
200MHz
111MHz
400Mbps/pin
NT5DS4M32EG-5
200MHz
-
400Mbps/pin
SSTL_2
NT5DS4M32EG-6
166MHz
-
333Mbps/pin


Similar Part No. - NT5DS4M32EG

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
NT5DS16M16CS NANOAMP-NT5DS16M16CS Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CS-5T NANOAMP-NT5DS16M16CS-5T Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CS-6K NANOAMP-NT5DS16M16CS-6K Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CT NANOAMP-NT5DS16M16CT Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CT-5T NANOAMP-NT5DS16M16CT-5T Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
More results

Similar Description - NT5DS4M32EG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D26323RA SAMSUNG-K4D26323RA Datasheet
303Kb / 18P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL
K4D263238M SAMSUNG-K4D263238M Datasheet
281Kb / 19P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL
K4D263238F SAMSUNG-K4D263238F Datasheet
237Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A SAMSUNG-K4D263238A Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238D SAMSUNG-K4D263238D Datasheet
239Kb / 18P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238E SAMSUNG-K4D263238E Datasheet
310Kb / 17P
   1M x 32Bit x 4 Banks Graphic Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
logo
Winbond
W9412G2IB WINBOND-W9412G2IB Datasheet
832Kb / 50P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9412G2CB WINBOND-W9412G2CB Datasheet
1Mb / 49P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
   1M 횞 4 BANKS 횞 16 BITS SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com