Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE28 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE28
Description  Germanium PNP Transistor High Current, High Gain Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE28 Datasheet(HTML) 2 Page - NTE Electronics

  NTE28 Datasheet HTML 1Page - NTE Electronics NTE28 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.500 (12.7)
Max
.710
(18.03)
Max
10−32 UNF−2A
.355
(9.04)
Max
.312 (7.93)
Collector/Case
1.005 (25.55)
Dia Max
1.250 (31.75
Dia Max
.500
(12.7)
Max
Emitter
Base


Similar Part No. - NTE28

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE280 NTE-NTE280 Datasheet
22Kb / 2P
   Silicon Complementary Trasistors Audio Power Amplifier
NTE281 NTE-NTE281 Datasheet
22Kb / 2P
   Silicon Complementary Trasistors Audio Power Amplifier
NTE282 NTE-NTE282 Datasheet
22Kb / 2P
   Silicon NPN Transistor Final RF Power Amp, Switch
NTE283 NTE-NTE283 Datasheet
22Kb / 2P
   Silicon NPN Transistor Horizontal Output, Switch
NTE284 NTE-NTE284 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Audio Amplifier Output
More results

Similar Description - NTE28

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE213 NTE-NTE213 Datasheet
23Kb / 2P
   Germanium PNP Transistor High Power, High Gain Amplifier
NTE27 NTE-NTE27 Datasheet
22Kb / 2P
   Germanium PNP Transistor High Current, High Gain Amp
NTE179 NTE-NTE179 Datasheet
23Kb / 2P
   Germanium PNP Transistor Audio Power Amplifier, High Current Switch
logo
Siemens Semiconductor G...
BC516 SIEMENS-BC516 Datasheet
138Kb / 4P
   PNP Silicon Darlington Transistor (High current gain High collector current)
logo
NTE Electronics
NTE330 NTE-NTE330 Datasheet
21Kb / 2P
   Germanium PNP Transistor High Power Switch
logo
Samsung semiconductor
TIP145F SAMSUNG-TIP145F Datasheet
175Kb / 4P
   PNP (HIGH DC CURRENT GAIN)
logo
NTE Electronics
NTE234 NTE-NTE234 Datasheet
21Kb / 2P
   Silicon PNP Transistor Low Noise, High Gain Amplifier
NTE158 NTE-NTE158 Datasheet
19Kb / 2P
   Germanium PNP Transistor Audio Power Amplifier
logo
Rohm
2SD1383K ROHM-2SD1383K_11 Datasheet
147Kb / 3P
   High-gain Amplifier Transistor
2SD1383K ROHM-2SD1383K Datasheet
114Kb / 4P
   High-gain Amplifier Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com