Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE917 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE917
Description  Integrated Circuit Dual, Independent Transistor Array, Differential Amp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE917 Datasheet(HTML) 2 Page - NTE Electronics

  NTE917 Datasheet HTML 1Page - NTE Electronics NTE917 Datasheet HTML 2Page - NTE Electronics NTE917 Datasheet HTML 3Page - NTE Electronics NTE917 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Power Dissipation, PD
Any One Transistor
300mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Package
750mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derat Above +55
°C
6.67mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
−40
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
−65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 1/16”
±1/32” from case, 10sec max), TL
+265
°C
. . . . . . . . . . .
The following ratings apply for each transistor in the device:
Collector−Emitter Voltage, VCEO
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector−Base Voltage, VCBO
20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector−Substrate Voltage (Note 1), VCIO
20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter−Base Voltage, VEBO
9V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. The collector of each transistor is isolated from the substrate by an integral diode. The substrate
must be connected to a voltage which is more negative than any collector voltage in order to
maintain isolation between transistors and provide for normal transistor action. The substrate
should be maintained at signal (AC) GND by means of a suitable grounding capacitor, to avoid
undesired coupling between transistors.
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static Characteristics
For Each Differential Amplifier
Input Offset Voltage
VIO
VCB = 3V,
I
I
2mA
0.45
5.0
mV
Input Offset Current
IIO
IE(Q3) = IE(Q4) = 2mA
0.3
2.0
µA
Input Bias Current
II
10
24
µA
Quiescent Operating Current Ratio
IC(Q1)
IC(Q2)
IC(Q5)
IC(Q6)
or
0.98 to 1.02 (Typ)
Temperature Coefficient Magnitude
of Input Offset Voltage
∆VIO
∆T
1.1
µV/°C
For Each Transistor
DC Forward Base−Emitter Voltage
VBE
VCB = 3V IC = 50µA
0.630
0.70
V
IC = 1mA
0.715
0.80
V
IC = 3mA
0.750
0.85
V
IC = 10mA
0.800
0.90
V
Temperature Coefficient of
Base−Emitter Voltage
∆VBE
∆T
VCB = 3V, IC = 1mA
−1.9
µV/°C
Collector Cutoff Current
ICBO
VCB = 10V, IE = 0
0.002
100
nA
Collector−Emitter Breakdown Voltage
V(BR)CEO
IC = 1mA, IB = 0
15
24
V
Collector−Base Breakdown Voltage
V(BR)CBO
IC = 10µA, IE = 0
20
60
V
Collector−Substrate Breakdown Voltage
V(BR)CIO
IC = 10µA, ICI = 0
20
60
V
Emitter−Base Breakdown Voltage
V(BR)EBO
IE = 10µA, IC = 0
5
7
V


Similar Part No. - NTE917

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE91 NTE-NTE91 Datasheet
19Kb / 2P
   Silicon Complementary Transistors General Purpose High Gain Amplifier
NTE911 NTE-NTE911 Datasheet
78Kb / 3P
   Integrated Circuit Dual Voltage Comparator
NTE912 NTE-NTE912 Datasheet
29Kb / 3P
   Integrated Circuit General Purpose Transistor Array (Three Isolated Transistors and One Differentially-Connected Transistor Pair)
NTE914 NTE-NTE914 Datasheet
29Kb / 4P
   Integrated Circuit Zero-Voltage Switch
NTE915 NTE-NTE915 Datasheet
84Kb / 3P
   Integrated Circuit High−Speed Operational Amplifier
More results

Similar Description - NTE917

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA3026 ETC1-CA3026 Datasheet
81Kb / 2P
   High-Reliability Transistor Array Dual Independent Differential Amplifier
logo
NTE Electronics
NTE1529 NTE-NTE1529 Datasheet
19Kb / 2P
   Integrated Circuit Dual OP Amp
NTE1829 NTE-NTE1829 Datasheet
21Kb / 2P
   Integrated Circuit Quad Transistor Array, 5k?
NTE2090 NTE-NTE2090 Datasheet
21Kb / 2P
   Integrated Circuit 7-Channel Transistor Array
NTE1828 NTE-NTE1828 Datasheet
21Kb / 2P
   Integrated Circuit Quad Transistor Array, 10k?
logo
KEC(Korea Electronics)
KID65551S KEC-KID65551S Datasheet
239Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 CIRCUIT TRANSISTOR ARRAY)
logo
NTE Electronics
NTE870 NTE-NTE870 Datasheet
25Kb / 3P
   Integrated Circuit Dual Operational Transconductance Amp
NTE727 NTE-NTE727 Datasheet
25Kb / 3P
   Integrated Circuit Four Independent AC Amplifiers
NTE906 NTE-NTE906 Datasheet
30Kb / 3P
   Integrated Circuit Dual, High Frequency, Differential Amplifier
logo
Intersil Corporation
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com