Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1097H Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TEA1097H
Description  Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1097H Datasheet(HTML) 5 Page - NXP Semiconductors

  TEA1097H Datasheet HTML 1Page - NXP Semiconductors TEA1097H Datasheet HTML 2Page - NXP Semiconductors TEA1097H Datasheet HTML 3Page - NXP Semiconductors TEA1097H Datasheet HTML 4Page - NXP Semiconductors TEA1097H Datasheet HTML 5Page - NXP Semiconductors TEA1097H Datasheet HTML 6Page - NXP Semiconductors TEA1097H Datasheet HTML 7Page - NXP Semiconductors TEA1097H Datasheet HTML 8Page - NXP Semiconductors TEA1097H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
1999 Apr 08
5
Philips Semiconductors
Product specification
Speech and loudspeaker amplifier IC with
auxiliary inputs/outputs and analog multiplexer
TEA1097
PINNING
SYMBOL
PIN
DESCRIPTION
VSO40
QFP44
MUTT
1
39
logic input (active LOW)
MUTR
2
40
logic input (active LOW)
AUXC
3
41
logic input
RAUX
4
42
auxiliary receive amplifier input
TXAUX
5
43
auxiliary transmit amplifier input
AUXO
6
44
auxiliary amplifier output
HFRX
7
1
receive input for loudspeaker amplifier
n.c.
8 to 10,
15 and 26
2 to 7, 22,
24 and 25
not connected
DLC
11
8
dynamic limiter capacitor for the loudspeaker amplifier
ESI
12
9
external supply input
VBB
13
10
stabilized supply for internal circuitry
GALS
14
11
loudspeaker amplifier gain adjustment
LSAO
16
12
loudspeaker amplifier output
GND
17
13
ground reference
SLPE
18
14
line current sense
LN
19
15
positive line terminal
REG
20
16
line voltage regulator decoupling
IR
21
17
receive amplifier input
AGC
22
18
automatic gain control/line loss compensation
VDD
23
19
3.35 V regulated voltage supply for microcontroller
MICS
24
20
microphone supply output
STAB
25
21
reference current adjustment
VOL
27
23
loudspeaker volume adjustment
TXOUT
28
26
base microphone amplifier output
GATX
29
27
base microphone amplifier gain adjustment
TXIN
30
28
base microphone amplifier input
GNDTX
31
29
ground reference for microphone amplifiers
MIC
32
30
negative handset microphone amplifier input
MIC+
33
31
positive handset microphone amplifier input
DTMF
34
32
dual tone multi-frequency input
QR
35
33
earpiece amplifier output
GARX
36
34
earpiece amplifier gain adjustment
RECO
37
35
receive amplifier output
HFTX
38
36
transmit input for auxiliary receive amplifier
HFC
39
37
logic input
PD
40
38
power-down input (active LOW)


Similar Part No. - TEA1097H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

Similar Description - TEA1097H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1099H PHILIPS-TEA1099H Datasheet
185Kb / 40P
   Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
   Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
Maxim Integrated Produc...
DG120XEVKIT MAXIM-DG120XEVKIT Datasheet
860Kb / 11P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 9/20
DG1208EVKIT MAXIM-DG1208EVKIT Datasheet
1Mb / 12P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 11/20
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
Schneider Electric
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
logo
NXP Semiconductors
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
logo
Schneider Electric
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
logo
Toshiba Semiconductor
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com