Part Name
         Description
HIT562

 Silicon PNP Epitaxial ( 5 Page)


RENESAS
100% 
Zoom Out Zoom In
   
 2 page
background image
HIT562
Rev.2.00 Mar 05, 2007 page 2 of 4
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown voltage
V(BR)CBO
-45
V
IC = -10
µA, IE = 0
Collector to emitter breakdown voltage
V(BR)CEO
-25
V
IC = -100
µA, RBE = ∞
Emitter to base breakdown voltage
V(BR)EBO
-6
V
IE = -10
µA, IC = 0
Collector cutoff current
ICBO
-500
nA
VCB = -45 V, IE = 0
Emitter cutoff current
IEBO
-500
nA
VEB = -6 V, IC = 0
DC current transfer ratio
hFE1
45
VCE = -1 V, IC = -5 mA
hFE2
85
330
VCE = -1 V, IC = -100 mA
hFE3
40
VCE = -1 V, IC = -800 mA
Collector to emitter saturation voltage
VCE(sat)
-0.5
V
IC = -800 mA, IB = -80 mA
Base to emitter voltage
VBE
-1
V
VCE = -1 V, IC =-10 mA
Base to emitter saturation voltage
VBE(sat)
-1.2
V
IC = -800 mA, IB = -80 mA



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KSR2102PNP Epitaxial Silicon Transistor 1 2 3 4 Fairchild Semiconductor
FJY4010RPNP Epitaxial Silicon Transistor 1 2 3 4 Fairchild Semiconductor
XN04381Silicon NPN epitaxial planar type Tr1 Silicon PNP epitaxial planar type Tr2 For switching/digital circuits 1 2 3 4 5 Panasonic Semiconductor
FJY4012RPNP Epitaxial Silicon Transistor 1 2 3 4 Fairchild Semiconductor
GM1300PNP SILICON EPITAXIAL TRANSISTOR 1 2 GTM CORPORATION
2SB0873Silicon PNP epitaxial planar type 1 2 3 Panasonic Semiconductor
2SA1020_05SILICON PNP EPITAXIAL TRANSISTOR 1 2 3 4 Unisonic Technologies
FJY4013RPNP Epitaxial Silicon Transistor 1 2 3 4 Fairchild Semiconductor
FJC790_05PNP Epitaxial Silicon Transistor 1 2 3 4 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl