Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TEA1097 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TEA1097
Description  Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
1999 Apr 08
4
Philips Semiconductors
Product specification
Speech and loudspeaker amplifier IC with
auxiliary inputs/outputs and analog multiplexer
TEA1097
BLOCK DIAGRAM
Fig.1 Block diagram.
The pin numbers given in parenthesis refer to the TEA1097H.
handbook, full pagewidth
MGL392
LINE CURRENT DETECTION
LOW VOLTAGE BEHAVIOUR
TAIL
CURRENTS
SUPPLY
MANAGEMENT
SWITCH
STARTER
AGC
ATT.
ATT.
GND
VBB
ESI
VDD
(19) 23
MICS
PD
(10) 13
(9) 12
(20) 24
(38) 40
AGC
LN
17 (13)
22 (18)
19 (15)
REG
SLPE
20
(16)
18
(14)
Tail currents for preamps
STAB
25 (21)
LSAO
16 (12)
DLC
11 (8)
GALS
14 (11)
TXAUX 5 (43)
MIC
+ 33 (31)
MIC
− 32 (30)
DTMF 34 (32)
POWER-DOWN
CURRENT SOURCES
ANALOG
MULTIPLEXER
CONTROL
DYNAMIC
LIMITER
VOLUME
CONTROL
HFC
(37) 39
MUTT
(39) 1
MUTR
(40) 2
AUXC
(41) 3
GATX
(27) 29
TXOUT
(26) 28
VOL
(23) 27
HFRX
(1) 7
HFTX
(36) 38
IR
(17) 21
RAUX
(42) 4
GNDTX
(29) 31
TXIN 30 (28)
AUXO
6 (44)
RECO
37 (35)
QR
35 (33)
GARX
36 (34)
TEA1097TV
D6




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TEA1099HSpeech and handsfree IC with auxiliary inputs/outputs and analog multiplexer 1 2 3 4 5 MoreNXP Semiconductors
ISL43841Low-Voltage Single and Dual Supply Dual 4 to 1 Multiplexer Analog Switch with Latch 1 2 3 4 5 MoreIntersil Corporation
MC74HC4316Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies 1 2 3 4 5 MoreON Semiconductor
ADC1034ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
TLV320AIC26LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC 1 2 3 4 5 MoreTexas Instruments
TDA1553CQ2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch 1 2 3 4 5 MoreNXP Semiconductors
MAX9505DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch 1 2 3 4 5 MoreMaxim Integrated Products
ISL43840Low-Voltage Single and Dual Supply Dual 4 to 1 Multiplexer Analog Switch with Enable 1 2 3 4 5 MoreIntersil Corporation
U4050BSpeech Circuit with Line-Powered Loudspeaker Amplifier 1 2 3 4 5 MoreTEMIC Semiconductors
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl