Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1097 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TEA1097
Description  Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1097 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TEA1097 Datasheet HTML 22Page - NXP Semiconductors TEA1097 Datasheet HTML 23Page - NXP Semiconductors TEA1097 Datasheet HTML 24Page - NXP Semiconductors TEA1097 Datasheet HTML 25Page - NXP Semiconductors TEA1097 Datasheet HTML 26Page - NXP Semiconductors TEA1097 Datasheet HTML 27Page - NXP Semiconductors TEA1097 Datasheet HTML 28Page - NXP Semiconductors TEA1097 Datasheet HTML 29Page - NXP Semiconductors TEA1097 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
1999 Apr 08
26
Philips Semiconductors
Product specification
Speech and loudspeaker amplifier IC with
auxiliary inputs/outputs and analog multiplexer
TEA1097
Note
1. When the channel is enabled according to Table 1.
ILSAO(max)
maximum output current at pin
LSAO (peak value)
external supply on ESI
150
300
mA
Dynamic limiter (pins LSAO and DLC); see note 1
tatt
attack time
when VHFRX jumps from
20 mV to 20 mV + 10 dB
−−
5ms
when VBB jumps below
VBB(th)
1
ms
trel
release time
when VHFRX jumps from
20 mV + 10 dB to 20 mV
100
ms
THD
total harmonic distortion at
VHFRX = 20 mV + 10 dB
t>tatt
0.1
2
%
VBB(th)
VBB limiter threshold
2.7
V
Mute Loudspeaker (pin DLC); see note 1
VDLC(th)
threshold voltage required on pin
DLC to obtain mute receive
condition
−0.4
+0.2
V
IDLC(th)
threshold current sourced by pin
DLC in mute receive condition
VDLC = 0.2 V
100
−µA
∆G
vrx(mute)
voltage gain reduction in mute
receive condition
VDLC = 0.2 V
60
80
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TEA1097

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

Similar Description - TEA1097

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1099H PHILIPS-TEA1099H Datasheet
185Kb / 40P
   Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
   Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
Maxim Integrated Produc...
DG120XEVKIT MAXIM-DG120XEVKIT Datasheet
860Kb / 11P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 9/20
DG1208EVKIT MAXIM-DG1208EVKIT Datasheet
1Mb / 12P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 11/20
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
Schneider Electric
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
logo
NXP Semiconductors
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
logo
Schneider Electric
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
logo
Toshiba Semiconductor
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com