Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV3065 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV3065
Description  Up to 1.5 A Constant Current Switching Regulator for LEDs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV3065 Datasheet(HTML) 3 Page - ON Semiconductor

  NCV3065 Datasheet HTML 1Page - ON Semiconductor NCV3065 Datasheet HTML 2Page - ON Semiconductor NCV3065 Datasheet HTML 3Page - ON Semiconductor NCV3065 Datasheet HTML 4Page - ON Semiconductor NCV3065 Datasheet HTML 5Page - ON Semiconductor NCV3065 Datasheet HTML 6Page - ON Semiconductor NCV3065 Datasheet HTML 7Page - ON Semiconductor NCV3065 Datasheet HTML 8Page - ON Semiconductor NCV3065 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NCP3065, NCV3065
http://onsemi.com
3
MAXIMUM RATINGS (measured vs. pin 4, unless otherwise noted)
Rating
Symbol
Value
Unit
VCC (Pin 6)
VCC
0 to +40
V
Comparator Inverting Input (Pin 5)
VCII
-0.2 to +VCC
V
Darlington Switch Collector (Pin 1)
VSWC
0 to +40
V
Darlington Switch Emitter (Pin 2) (Transistor OFF)
VSWE
-0.6 to +VCC
V
Darlington Switch Collector to Emitter (Pins 1-2)
VSWCE
0 to +40
V
Darlington Switch Current
ISW
1.5
A
Ipk Sense (Pin 7)
VIPK
-0.2 to VCC + 0.2
V
Timing Capacitor (Pin 3)
VTCAP
-0.2 to +1.4
V
Power Dissipation and Thermal Characteristics
PDIP-8 (Note 5)
Thermal Resistance Junction-to-Air
RqJA
100
°C/W
SOIC-8 (Note 5)
Thermal Resistance Junction-to-Air
RqJA
180
°C/W
DFN-8 (Note 5)
Thermal Resistance Junction-to-Air
Thermal Resistance Junction-to-Case
RqJA
RqJC
78
14
°C/W
Storage Temperature Range
TSTG
-65 to +150
°C
Maximum Junction Temperature
TJ(MAX)
+150
°C
Operating Junction Temperature Range (Note 3)
NCP3065, NCV3065
TJ
-40 to +125
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Pin 1-8: Human Body Model 2000 V per AEC Q100-002; 003 or JESD22/A114; A115
Machine Model Method 200 V
2. This device contains latch-up protection and exceeds 100 mA per JEDEC Standard JESD78.
3. The relation between junction temperature, ambient temperature and Total Power dissipated in IC is TJ = TA + Rq • PD
4. The pins which are not defined may not be loaded by external signals
5. 1 oz copper, 1 in2 copper area


Similar Part No. - NCV3065

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3063 ONSEMI-NCV3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV3063DR2G ONSEMI-NCV3063DR2G Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV3063DR2G ONSEMI-NCV3063DR2G Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV3063MNTXG ONSEMI-NCV3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV3063PG ONSEMI-NCV3063PG Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
More results

Similar Description - NCV3065

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3066 ONSEMI-NCP3066 Datasheet
1Mb / 20P
   Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
January, 2009 ??Rev. 3
logo
STMicroelectronics
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
R5973AD STMICROELECTRONICS-R5973AD Datasheet
1Mb / 38P
   Up to 1.5 A step-down switching regulator for aerospace applications
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
R5972D STMICROELECTRONICS-R5972D Datasheet
1Mb / 35P
   Up to 1.5 A step-down switching regulator for aerospace applications
logo
Feeling Technology Corp...
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
   Constant Current Switching Regulator for White LED
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
   Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com