Part Name
         Description
RJK5015DPK

 Silicon N Channel MOS FET High Speed Power Switching ( 7 Page)


RENESAS
100% 
Zoom Out Zoom In
   
 3 page
background image
RJK5015DPK
REJ03G1360-0200 Rev.2.00 Apr 18, 2007
Page 3 of 6
Main Characteristics
400
300
200
100
0
50
100
150
200
50
40
30
20
10
0
4
8
12
16
20
Case Temperature Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Pulse Test
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
6 V
1
30
100
3
10
300
1000
0.2
0.1
0.05
1
0.5
0.02
0.01
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
VGS = 10 V
Pulse Test
5.4 V
6.2 V
6.4 V
5.6 V
5.8 V
100
10
110
1000
0.1
1
1000
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
100
VGS = 5.2 V
0.5
0.4
0.3
0.2
0.1
−25
0
25
50
75
100 125
150
0
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature
VGS = 10 V
Pulse Test
02
46
8
10
20
50
10
1
2
5
0.2
0.5
0.1
100
VDS = 10 V
Pulse Test
Tc = 75
°C
25
°C
−25°C
8 V, 9 V
ID = 25 A
0.01
0.1
5 A
Ta = 25
°C
10
µs
100
µs
1 ms
Operation in this
area is limited by
R
DS(on)
PW = 10 ms
(1shot)
DC Operation
(Tc = 25
°C)
10 V
12.5 A



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HAT2058RSilicon N Channel Power MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp
HAT1065TSilicon P Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
2SK1365FET Silicon N Channel MOS Type for High Speed High Current Switching Switching Power Supply 1 2 3 4 5 MoreToshiba Semiconductor
HAT2105TSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
HAT3010RSilicon N/P Channel Power MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp
H7N0608LDSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp
RJK1525DPSSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp
HAT2114RSilicon N Channel Power MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp
2SK296SILICON N-CHANNEL MOS FET HIGH SPEED POWER SWITCHING 1 Hitachi Semiconductor
HAT2195RSilicon N Channel Power MOS FET Power Switching 1 2 3 4 5 MoreRenesas Technology Corp

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl