Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1094 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TEA1094
Description  Hands free IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1094 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TEA1094 Datasheet HTML 5Page - NXP Semiconductors TEA1094 Datasheet HTML 6Page - NXP Semiconductors TEA1094 Datasheet HTML 7Page - NXP Semiconductors TEA1094 Datasheet HTML 8Page - NXP Semiconductors TEA1094 Datasheet HTML 9Page - NXP Semiconductors TEA1094 Datasheet HTML 10Page - NXP Semiconductors TEA1094 Datasheet HTML 11Page - NXP Semiconductors TEA1094 Datasheet HTML 12Page - NXP Semiconductors TEA1094 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1996 Jul 15
9
Philips Semiconductors
Product specification
Hands free IC
TEA1094; TEA1094A
LOUDSPEAKER AMPLIFIER: PINS RIN1, RIN2, GAR AND LSP
The TEA1094 and TEA1094A have symmetrical inputs for
the loudspeaker amplifier with an input resistance of 40 k
between RIN1 and RIN2 (2
× 20 kΩ). The input stage can
accommodate signals up to 390 mV (RMS) at room
temperature for 2% of total harmonic distortion (THD).
The gain of the input stage varies according to the mode
of the TEA1094 and TEA1094A. In the receive mode, the
gain is at its maximum; in the transmit mode, it is at its
minimum and in the idle mode, it is halfway between
maximum and minimum. Switch-over from one mode to
the other is smooth and click-free. The rail-to-rail output
stage is designed to power a loudspeaker connected as a
single-ended load (between LSP and GND).
In the receive mode, the overall gain of the loudspeaker
amplifier can be adjusted from 0 dB up to 33 dB to suit
specific application requirements. The gain from
RIN1 and RIN2 to LSP is proportional to the value of RGAR
and equals 18.5 dB with RGAR = 66.5 kΩ. A capacitor
connected in parallel with RGAR can be used to provide a
first-order low-pass filter.
VOLUME CONTROL: PIN VOL
The loudspeaker amplifier gain can be adjusted with the
potentiometer RVOL. A linear potentiometer can be used to
obtain logarithmic control of the gain at the loudspeaker
amplifier. Each 950
Ω increase of RVOL results in a gain
loss of 3 dB. The maximum gain reduction with the volume
control is internally limited to the switching range.
DYNAMIC LIMITER: PIN DLC/MUTER
The dynamic limiter of the TEA1094 and TEA1094A
prevents clipping of the loudspeaker output stage and
protects the operation of the circuit when the supply
voltage at VBB falls below 2.9 V.
Hard clipping of the loudspeaker output stage is prevented
by rapidly reducing the gain when the output stage starts
to saturate. The time in which gain reduction is effected
(clipping attack time) is approximately a few milliseconds.
The circuit stays in the reduced gain mode until the peaks
of the loudspeaker signals no longer cause saturation.
The gain of the loudspeaker amplifier then returns to its
normal value within the clipping release time (typically
250 ms). Both attack and release times are proportional to
the value of the capacitor CDLC. The total harmonic
distortion of the loudspeaker output stage, in reduced gain
mode, stays below 5% up to 10 dB (minimum) of input
voltage overdrive [providing VRIN is below 390 mV (RMS)].
When the supply voltage drops below an internal threshold
voltage of 2.9 V, the gain of the loudspeaker amplifier is
rapidly reduced (approximately 1 ms). When the supply
voltage exceeds 2.9 V, the gain of the loudspeaker
amplifier is increased again.
By forcing a level lower than 0.2 V on pin DLC/MUTER, the
loudspeaker amplifier is muted and the TEA1094
(TEA1094A) is automatically forced into the transmit
mode.
Duplex controller
SIGNAL AND NOISE ENVELOPE DETECTORS: PINS TSEN,
TENV, TNOI, RSEN, RENV AND RNOI
The signal envelopes are used to monitor the signal level
strength in both channels. The noise envelopes are used
to monitor background noise in both channels. The signal
and noise envelopes provide inputs for the decision logic.
The signal and noise envelope detectors are shown in
Fig.7.
For the transmit channel, the input signal at MIC is 40 dB
amplified to TSEN. For the receive channel, the differential
signal between RIN1 and RIN2 is 0 dB amplified to RSEN.
The signals from TSEN and RSEN are logarithmically
compressed and buffered to TENV and RENV
respectively. The sensitivity of the envelope detectors is
set with RTSEN and RRSEN. The capacitors connected in
series with the two resistors block any DC component and
form a first-order high-pass filter. In the basic application,
see Fig.13, it is assumed that VMIC = 1 mV (RMS) and
VRIN = 100 mV (RMS) nominal and both RTSEN and RRSEN
have a value of 10 k
Ω. With the value of CTSEN and CRSEN
at 100 nF, the cut-off frequency is at 160 Hz.
The buffer amplifiers leading the compressed signals to
TENV and RENV have a maximum source current of
120
µA and a maximum sink current of 1 µA. Together with
the capacitor CTENV and CRENV, the timing of the signal
envelope monitors can be set. In the basic application, the
value of both capacitors is 470 nF. Because of the
logarithmic compression, each 6 dB signal increase
means 18 mV increase of the voltage on the envelopes
TENV or RENV at room temperature. Thus, timings can be
expressed in dB/ms. At room temperature, the 120
µA
sourced current corresponds to a maximum rise-slope of
the signal envelope of 85 dB/ms. This is sufficient to track
normal speech signals. The 1
µA current sunk by TENV or
RENV corresponds to a maximum fall-slope of 0.7 dB/ms.
This is sufficient for a smooth envelope and also eliminates
the effect of echoes on switching behaviour.


Similar Part No. - TEA1094

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1095 PHILIPS-TEA1095 Datasheet
184Kb / 28P
   Voice switched speakerphone IC
1997 Nov 25
TEA1095T PHILIPS-TEA1095T Datasheet
184Kb / 28P
   Voice switched speakerphone IC
1997 Nov 25
TEA1095TS PHILIPS-TEA1095TS Datasheet
184Kb / 28P
   Voice switched speakerphone IC
1997 Nov 25
More results

Similar Description - TEA1094

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
logo
Panasonic Semiconductor
AN6426NK PANASONIC-AN6426NK Datasheet
127Kb / 9P
   Hands-free Speech Network IC
AN6175K PANASONIC-AN6175K Datasheet
210Kb / 21P
   Hands-free Speech Network IC
logo
ATMEL Corporation
U4082B ATMEL-U4082B Datasheet
557Kb / 30P
   Low-voltage Voice-switched IC for Hands-free Operation
logo
SHENZHEN FUMAN ELECTRON...
TC34018 FUMAN-TC34018 Datasheet
1Mb / 6P
   Hands-free calling integrated circuit
logo
Zarlink Semiconductor I...
ZL38001 ZARLINK-ZL38001_06 Datasheet
543Kb / 49P
   AEC for Analog Hands-Free Communication
logo
Panasonic Semiconductor
BF-AF10B-KA PANASONIC-BF-AF10B-KA Datasheet
0Kb / 2P
   A hands-free, weatherproof solution
logo
Asahi Kasei Microsystem...
AK7752 AKM-AK7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
logo
Zarlink Semiconductor I...
ZL38002 ZARLINK-ZL38002_07 Datasheet
578Kb / 51P
   Digital Echo Canceller for Hands Free Communication
logo
Asahi Kasei Microsystem...
AK7750 AKM-AK7750 Datasheet
804Kb / 77P
   Audio DSP with Built-in Hands-Free Phone Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com