Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1069AH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA1069AH
Description  Versatile speech/dialler/ringer with music-on-hold
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069AH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1069AH Datasheet HTML 3Page - NXP Semiconductors TEA1069AH Datasheet HTML 4Page - NXP Semiconductors TEA1069AH Datasheet HTML 5Page - NXP Semiconductors TEA1069AH Datasheet HTML 6Page - NXP Semiconductors TEA1069AH Datasheet HTML 7Page - NXP Semiconductors TEA1069AH Datasheet HTML 8Page - NXP Semiconductors TEA1069AH Datasheet HTML 9Page - NXP Semiconductors TEA1069AH Datasheet HTML 10Page - NXP Semiconductors TEA1069AH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
1998 Jan 08
7
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
Fig.3 Pin configuration (SOT307-2).
handbook, full pagewidth
TEA1069H
TEA1069AH
MBH784
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
DTMF
KT/EARTH
CSI
XTAL1
XTAL2
RESET
CE/FDI
COL6
COL5
COL4
VEE
MUTE
DIODE
VCC
REG
ROW3
ROW2
ROW4
ROW5
VEE
HF
ROW1
FUNCTIONAL DESCRIPTION
Speech part
For numbering of components refer to Figs 28 and 29.
SUPPLIES VCC, LN, SLPE, REG AND STAB
Power for the IC and its peripheral circuits is usually
obtained from the telephone line (see Fig.4).
The circuit creates a stabilized voltage (Vref = 3.7 V)
between LN and SLPE. This reference voltage is
temperature compensated and can be adjusted by means
of an external resistor RVA. It can be increased by
connecting an RVA resistor (R60) between REG and SLPE
or decreased by connecting an RVA resistor (R61)
between REG and LN. This internal voltage reference is
decoupled by capacitor C3 between REG and VEE.
This decoupling capacitor realises the set impedance
conversion from its DC value to its AC value in the audio
frequency range.
The internal transmission part of the circuitry (including the
earpiece amplifier) is supplied from VCC. This voltage
supply is derived from the LN voltage via a dropping
resistor (R1) and must be decoupled by a capacitor (C1)
between VCC and VEE. This supply point may also be used
to supply the dialler/ringer (VDD) part or external circuit e.g.
electret microphone.
The DC current flowing into the set is determined by the
exchange supply voltage Vexch, the feeding bridge
resistance Rexch and the DC resistance of the telephone
line Rline. When the line current (Iline) is more than 0.5 mA
greater than the sum of the IC supply current (ICC) and the
current drawn by the peripheral circuitry connected to VCC
(Ip), the excess current is shunted to SLPE via LN.


Similar Part No. - TEA1069AH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
TEA1061 ETC-TEA1061 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1062 PHILIPS-TEA1062 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1062A PHILIPS-TEA1062A Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1062AM1 PHILIPS-TEA1062AM1 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
More results

Similar Description - TEA1069AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2050 PHILIPS-UBA2050 Datasheet
291Kb / 52P
   One-chip telephone ICs with speech, dialler and ringer functions
2000 May 19
PCD3330-1 PHILIPS-PCD3330-1 Datasheet
152Kb / 32P
   Multistandard repertory dialler/ringer with EEPROM
1997 Jan 15
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
logo
List of Unclassifed Man...
80-0211-C ETC1-80-0211-C Datasheet
349Kb / 12P
   Speech And Music Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com