Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC860YC5 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC860YC5
Description  Teeny??Ultra Low Power Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC860YC5 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC860YC5 Datasheet HTML 4Page - Micrel Semiconductor MIC860YC5 Datasheet HTML 5Page - Micrel Semiconductor MIC860YC5 Datasheet HTML 6Page - Micrel Semiconductor MIC860YC5 Datasheet HTML 7Page - Micrel Semiconductor MIC860YC5 Datasheet HTML 8Page - Micrel Semiconductor MIC860YC5 Datasheet HTML 9Page - Micrel Semiconductor MIC860YC5 Datasheet HTML 10Page - Micrel Semiconductor MIC860YC5 Datasheet HTML 11Page - Micrel Semiconductor MIC860YC5 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC860
Micrel, Inc.
M9999-022706
10
February 2006
TIME 250µs/div
Rail to Rail Output Operation
Test Circuit 2: AV = 2
AV = 2
V+ = 5V
CL = 2pF
RL = 1MΩ
∆VP-P = 5V
TIME 250µs/div
Rail to Rail Output Operation
Test Circuit 2: AV = 2
AV = 2
V+ = 2.7V
CL = 2pF
RL = 1MΩ
∆VP-P = 2.7V
∆V = 730mV
∆t = 300ns
Rise Slew Rate = 2.4V/µs
Fall Slew Rate = 4.7V/µs
Large Signal Pulse Response
Test Circuit 3: AV = 1
TIME 5µs/div
AV = 1
CL = 50pF
RL = 5kΩ
V+ = 2.7V
∆V = 2.84V
∆t = 700ns
Rise Slew Rate = 4.1V/µs
Fall Slew Rate = 2.9V/µs
Large Signal Pulse Response
Test Circuit 3: AV = 1
TIME 5µs/div
AV = 1
CL = 2pF
RL = 5kΩ
V+ = 5V
TIME 250µs/div
Rail to Rail Output Operation
Test Circuit 2: AV = 2
AV = 2
V+ = 5V
CL = 2pF
RL = 5kΩ
∆VP-P = 5V
TIME 250µs/div
Rail to Rail Output Operation
Test Circuit 2: AV = 2
AV = 2
V+ = 2.7V
CL = 2pF
RL = 5kΩ
∆VP-P = 2.7V


Similar Part No. - MIC860YC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC860YC5 MICREL-MIC860YC5 Datasheet
1Mb / 13P
   Teeny??Ultra-Low Power Op Amp
logo
Microchip Technology
MIC860YC5-TR MICROCHIP-MIC860YC5-TR Datasheet
516Kb / 22P
   Ultra-Low Power Op Amp
02/28/20
More results

Similar Description - MIC860YC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC860BC5-TR MICREL-MIC860BC5-TR Datasheet
1Mb / 12P
   Teeny Ultra Low Power Op Amp
MIC861 MICREL-MIC861_06 Datasheet
613Kb / 12P
   Teeny Ultra Low Power Op Amp
MIC861 MICREL-MIC861_14 Datasheet
1Mb / 11P
   Teeny??Ultra-Low-Power Op Amp
MIC820 MICREL-MIC820 Datasheet
46Kb / 6P
   Teeny Ultra Low Power Op Amp
MIC860 MICREL-MIC860_14 Datasheet
1Mb / 13P
   Teeny??Ultra-Low Power Op Amp
MIC861 MICREL-MIC861 Datasheet
173Kb / 12P
   Teeny Ultra Low Power Op Amp Final Information
logo
Microchip Technology
MIC860 MICROCHIP-MIC860 Datasheet
516Kb / 22P
   Ultra-Low Power Op Amp
02/28/20
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com