Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDRC1641500SE04 Datasheet(PDF) 3 Page - Vaishali Semiconductor

Part # MDRC1641500SE04
Description  Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

MDRC1641500SE04 Datasheet(HTML) 3 Page - Vaishali Semiconductor

  MDRC1641500SE04 Datasheet HTML 1Page - Vaishali Semiconductor MDRC1641500SE04 Datasheet HTML 2Page - Vaishali Semiconductor MDRC1641500SE04 Datasheet HTML 3Page - Vaishali Semiconductor MDRC1641500SE04 Datasheet HTML 4Page - Vaishali Semiconductor MDRC1641500SE04 Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MDRC
Vishay Dale
Resistor/Capacitor Networks, Dual-In-Line,
Molded DIP, 16 Pin
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31524
64
Revision: 09-Jan-07
CIRCUIT APPLICATIONS
MDRC1641 Schematic
- 2.0 and - 5.2 Volt ECL Terminator
The MDRC1641 circuit contains 11 resistors of nominally equal value and a
0.01 microfarad decoupling capacitor. The MDRC-1641 is designed for ECL Line
Termination to a - 2.0 volt buss. The 0.01 microfarad decoupling capacitor is for
bypassing transients between supply voltages.
MDRC1642 Schematic
The MDRC1642 circuit contains 12 resistors of 510 ohm each and a
0.01 microfarad decoupling capacitor. The MDRC-1642 is designed for ECL
Pull-down to a - 5.2 volt buss. The 0.01 microfarad decoupling capacitor is for
bypassing voltage transients on the voltage buss.
MDRC1641 Schematic
Thevenin Equivalent Terminator
The MDRC1643 contains four pair of series resistors. The circuit is compatible
with ECL pin configurations. Each terminator section (series pair) contains a
voltage divider between VCC (0 volt) and VEE (- 5.2 volt) providing a Thevenin
equivalent voltage of - 2.0 volts. A 0.01 microfarad decoupling capacitor
bypasses the VEE buss.
16
1
9
8
16
1
9
8
R2
R2
R2
R2
LINE 1
LINE 2
VCC
VEE
VCC
VEE
LINE 3
LINE 2
R1
R1
R1
R1
VCC
VCC
VEE
VEE
VEE
VEE
VCC
VEE
C
16
1
Derating
- 50 - 30
+ 25
+ 85
+ 150
Ambient Temperature
°C
MDRC1643
MDRC1641 and MDRC1642
MDRC1641
MDRC1642
Package
Single Resistor
Single
Resistor
MDRC1643
Package
- 50 - 30
+ 25
+ 85+ 150
Derating
Ambient Temperature
°C
0.20
1.00
2.00
0.15
1.00
2.00


Similar Part No. - MDRC1641500SE04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDRC1641511GD04 VISHAY-MDRC1641511GD04 Datasheet
330Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
Revision: 09-Jan-07
MDRC1641511GE04 VISHAY-MDRC1641511GE04 Datasheet
330Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
Revision: 09-Jan-07
MDRC1641511SD04 VISHAY-MDRC1641511SD04 Datasheet
330Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
Revision: 09-Jan-07
MDRC1641511SE04 VISHAY-MDRC1641511SE04 Datasheet
330Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
Revision: 09-Jan-07
More results

Similar Description - MDRC1641500SE04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDRC VISHAY-MDRC Datasheet
330Kb / 5P
   Resistor/Capacitor Networks, Dual-In-Line, Molded DIP, 16 Pin
Revision: 09-Jan-07
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 29-Nov-13
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 28-Jul-06
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision 08-Sep-04
TDP VISHAY-TDP Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com