Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR05AS-8 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # CR05AS-8
Description  Thyristor Low Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR05AS-8 Datasheet(HTML) 5 Page - Renesas Technology Corp

  CR05AS-8 Datasheet HTML 1Page - Renesas Technology Corp CR05AS-8 Datasheet HTML 2Page - Renesas Technology Corp CR05AS-8 Datasheet HTML 3Page - Renesas Technology Corp CR05AS-8 Datasheet HTML 4Page - Renesas Technology Corp CR05AS-8 Datasheet HTML 5Page - Renesas Technology Corp CR05AS-8 Datasheet HTML 6Page - Renesas Technology Corp CR05AS-8 Datasheet HTML 7Page - Renesas Technology Corp CR05AS-8 Datasheet HTML 8Page - Renesas Technology Corp CR05AS-8 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CR05AS-8
REJ03G0348-0300 Rev.3.00 Mar 22, 2007
Page 5 of 8
Breakover Voltage vs.
Gate to Cathode Resistance
Gate to Cathode Resistance (k
Ω)
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
Holding Current vs.
Gate to Cathode Resistance
Gate to Cathode Resistance (k
Ω)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage
Rate of Rise of Off-State Voltage (V/
µs)
160
120
60
40
20
140
100
80
0
160
–40
0
40
80
120 140
–20
20
60
100
23
10–1
57100 23 5 7101 23 5 7 102
120
0
80
100
40
60
20
23
100
57 101 23 5 7 102 23 5 7 10 3
120
0
80
100
40
60
20
# 1
# 2
Typical Example
# 1 IGT(25°C = 10
µA)
# 2 IGT(25°C = 66
µA)
Tj = 125°C, RGK = 1k
60
–20
–40
–60
0 20 40
80 100 120 140
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
23
10–1
57 100 23 5 7101 23 5 7 102
500
0
200
300
400
100
# 1
# 2
160
120
100
40
60
20
0
160
–40 –20
20
80
140
120
80
140
060
40
100
Junction Temperature (°C)
Repetitive Peak Reverse Voltage vs.
Junction Temperature
RGK = 1k
Typical Example
Typical Example
Tj = 125°C
Distribution
Typical Example
Tj = 25°C
IH (25°C) = 1mA
IGT(25°C) = 25
µA
Tj = 25°C
Typical Example
IGT(25°C) IH(1k
Ω)
13
µA1.6mA
59
µA1.8mA
# 1
# 2
Typical Example


Similar Part No. - CR05AS-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR05AS-8 RENESAS-CR05AS-8 Datasheet
93Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8 Datasheet
134Kb / 9P
   Thyristor Low Power Use
CR05AS-8-ET14 RENESAS-CR05AS-8-ET14 Datasheet
93Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_05 Datasheet
93Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_10 Datasheet
134Kb / 9P
   Thyristor Low Power Use
More results

Similar Description - CR05AS-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3PM-12 RENESAS-CR3PM-12_05 Datasheet
90Kb / 8P
   Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
   Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
   Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
   Thyristor Low Power Use
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
   Thyristor Low Power Use
logo
Unisonic Technologies
CR03AM-16 UTC-CR03AM-16 Datasheet
153Kb / 3P
   THYRISTOR LOW POWER USE
logo
Renesas Technology Corp
CR3PM-12G RENESAS-CR3PM-12G_15 Datasheet
99Kb / 7P
   Thyristor Low Power Use
CR08AS-12 RENESAS-CR08AS-12_10 Datasheet
245Kb / 9P
   Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com