Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38D52FC-XXXHP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M38D52FC-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D52FC-XXXHP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M38D52FC-XXXHP Datasheet HTML 1Page - Renesas Technology Corp M38D52FC-XXXHP Datasheet HTML 2Page - Renesas Technology Corp M38D52FC-XXXHP Datasheet HTML 3Page - Renesas Technology Corp M38D52FC-XXXHP Datasheet HTML 4Page - Renesas Technology Corp M38D52FC-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M38D52FC-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38D52FC-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38D52FC-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38D52FC-XXXHP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 141 page
background image
Rev.3.01
Aug 08, 2007
Page 5 of 134
REJ03B0158-0301
38D5 Group
Table 2
Performance overview (2)
Parameter
Function
Power dissipation
(QzROM version)
In frequency/2 mode
Std. 32 mW (Vcc = 5 V, f(XIN) = 12.5 MHz, Ta = 25
°C)
In low-speed mode
Std. 18
µW (Vcc = 2.5 V, f(XIN) = stop, f(XCIN) = 32 kHz, Ta = 25°C)
Power dissipation
(Flash memory version)
In frequency/2 mode
Std. 20 mW (Vcc = 5 V, f(XIN) = 12.5 MHz, Ta = 25
°C)
In low-speed mode
Std. 1.1 mW (Vcc = 2.7 V, f(XIN) = stop, f(XCIN) = 32 kHz, Ta = 25
°C)
Input/Output characteristics
Input/Output withstand voltage
VCC
Output current
10 mA
Operating temperature range
-20 to 85
°C
Device structure
CMOS silicon gate
Package
80-pin plastic molded LQFP/QFP


Similar Part No. - M38D52FC-XXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38D52FCXXXFP RENESAS-M38D52FCXXXFP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D52FCXXXHP RENESAS-M38D52FCXXXHP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38D52FC-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com