Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG-16080AYU Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AG-16080AYU
Description  SPECIFICATIONS FOR LCD MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AG-16080AYU Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AG-16080AYU Datasheet HTML 1Page - List of Unclassifed Manufacturers AG-16080AYU Datasheet HTML 2Page - List of Unclassifed Manufacturers AG-16080AYU Datasheet HTML 3Page - List of Unclassifed Manufacturers AG-16080AYU Datasheet HTML 4Page - List of Unclassifed Manufacturers AG-16080AYU Datasheet HTML 5Page - List of Unclassifed Manufacturers AG-16080AYU Datasheet HTML 6Page - List of Unclassifed Manufacturers AG-16080AYU Datasheet HTML 7Page - List of Unclassifed Manufacturers AG-16080AYU Datasheet HTML 8Page - List of Unclassifed Manufacturers AG-16080AYU Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image

              ?
    

   




    
&!5#!,
,((.."&
1
11
>4?
?4
?4?



4
>4>
?4
?
4?
4
>4?
5#A*&
."& 
1
?
4
4
4
 

C:
11
4
11



C*(,."&
C
11

11
4 

&!,((.
5,##*
C E?
11
>4
?4
-

!    
(
11
?
11
5*#"$ 
5 
6(
0


$-
#
?°5
11
?
>
-$
6"..-

?°5
11
?
>
-$

θ
11
>
11
θ<
11
?
11
θ.
11
?
11
)*&*&.
"*&
θ#
?°5F
5 ≥
11
?
11

&4

6#"-6#+,*!
6
?°5
11

11
:9

" # $    

   




6#)"#."&
6
11
11
>4?
>4

,((.."&
<)*FG
6#)"#5,##*
C6
6E>4?
11

11
-

5,-*,$**$
6E>4?
11

11
!-






E%!*,-<#$'


Similar Part No. - AG-16080AYU

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AG-16080A ZETTLER-AG-16080A Datasheet
112Kb / 15P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - AG-16080AYU

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com