Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR08AS-12A-T14 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR08AS-12A-T14
Description  Triac Low Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR08AS-12A-T14 Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR08AS-12A-T14 Datasheet HTML 1Page - Renesas Technology Corp BCR08AS-12A-T14 Datasheet HTML 2Page - Renesas Technology Corp BCR08AS-12A-T14 Datasheet HTML 3Page - Renesas Technology Corp BCR08AS-12A-T14 Datasheet HTML 4Page - Renesas Technology Corp BCR08AS-12A-T14 Datasheet HTML 5Page - Renesas Technology Corp BCR08AS-12A-T14 Datasheet HTML 6Page - Renesas Technology Corp BCR08AS-12A-T14 Datasheet HTML 7Page - Renesas Technology Corp BCR08AS-12A-T14 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REJ03G0292-0200 Rev.2.00 Mar 22, 2007
Page 1 of 7
BCR08AS-12
Triac
Low Power Use
REJ03G0292-0200
Rev.2.00
Mar 22, 2007
Features
• I
T (RMS) : 0.8 A
• V
DRM : 600 V
• I
FGTI, IRGTI, IRGT
: 5 mA
• I
FGT
: 10 mA
• Non-Insulated Type
• Planar Passivation Type
• Completed Pb Free
Outline
RENESAS Package code: PLZZ0004CA-A
(
Package name: UPAK)
2
4
1
3
RENESAS Package code: PLZZ0004CB-A
(
Package name: SOT-89)
2, 4
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
4. T2 Terminal
2
4
1
3
)
LZ
ZZ0004
Applications
Hybrid IC, solid state relay, electric fan, washing machine, and other general purpose control applications
Maximum Ratings
Voltage class
Parameter
Symbol
12 (Mark BF)
Unit
Repetitive peak off-state voltage
Note1
VDRM
600
V
Non-repetitive peak off-state voltage
Note1
VDSM
720
V
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
0.8
A
Commercial frequency, sine full wave
360° conduction, Ta = 40
°CNote3
Surge on-state current
ITSM
8
A
60Hz sinewave 1 full cycle, peak value,
non-repetitive
I
2t for fusing
I
2t
0.26
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
1
W
Average gate power dissipation
PG (AV)
0.1
W
Peak gate voltage
VGM
10
V
Peak gate current
IGM
1
A
Junction temperature
Tj
– 40 to +125
°C
Storage temperature
Tstg
– 40 to +125
°C
Mass
50
mg
Typical value
Notes: 1. Gate open.


Similar Part No. - BCR08AS-12A-T14

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR08AS-12A-T14 RENESAS-BCR08AS-12A-T14 Datasheet
142Kb / 8P
   Triac Low Power Use
More results

Similar Description - BCR08AS-12A-T14

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
   Triac Low Power Use
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
   Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A Datasheet
116Kb / 7P
   Triac Low Power Use
BCR3PM-12L RENESAS-BCR3PM-12L Datasheet
121Kb / 7P
   Triac Low Power Use
BCR2PM-12 RENESAS-BCR2PM-12 Datasheet
120Kb / 7P
   Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
   Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
   Triac Low Power Use
BCR3KM-14L RENESAS-BCR3KM-14L Datasheet
140Kb / 8P
   Triac Low Power Use
BCR08AS-12A RENESAS-BCR08AS-12A_15 Datasheet
126Kb / 8P
   Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B_15 Datasheet
144Kb / 10P
   Triac Low Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com