Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74HV1G32VSE Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RD74HV1G32VSE
Description  High-Voltage Buffer gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74HV1G32VSE Datasheet(HTML) 3 Page - Renesas Technology Corp

  RD74HV1G32VSE Datasheet HTML 1Page - Renesas Technology Corp RD74HV1G32VSE Datasheet HTML 2Page - Renesas Technology Corp RD74HV1G32VSE Datasheet HTML 3Page - Renesas Technology Corp RD74HV1G32VSE Datasheet HTML 4Page - Renesas Technology Corp RD74HV1G32VSE Datasheet HTML 5Page - Renesas Technology Corp RD74HV1G32VSE Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RD74HV1G34
Rev.1.00 Feb 20, 2007 page 3 of 5
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
4.5
30
V
Input voltage range
VI
0
VCC
V
Input / Output voltage range
VI/O
0
VCC
V
–2.5
VCC = 10 V
–5
VCC = 15 V
–10
VCC = 25 V
IOH
–15
VCC = 30 V
2.5
VCC = 10 V
5
VCC = 15 V
10
VCC = 25 V
Output current
IOL
15
mA
VCC = 30 V
0
100
VCC < 5 V
0
20
15 V > VCC ≥ 5 V
Input transition rise or fall rate
∆t / ∆v
0
10
ns / V
30 V ≥ VCC ≥ 15 V
Operating free-air temperature
Ta
–40
85
°C
Note: Unused or floating inputs must be held high or low.
Electrical Characteristic
Ta = –40 to 85°C
Item
Symbol
VCC (V) *
Min
Typ
Max
Unit
Test condition
10
3.5
15
3.5
25
3.5
VIH
30
3.5
105
0.8
15
0.8
25
0.8
Input voltage
VIL
30
0.8
V
10
9.0
IOH = –2.5 mA
15
13.5
IOH = –5 mA
25
22.5
IOH = –10 mA
VOH
30
27.0
IOH = –15 mA
10
1.0
IOL = 2.5 mA
15
1.5
IOL = 5 mA
25
2.5
IOL = 10 mA
Output voltage
VOL
30
3.0
V
IOL = 15 mA
IOH short
15
–46
–70
–95
VO = 0V
Output current
IOL short
15
46
70
95
mA
VO = VCC
Input current
IIN
VCC
±1
µA
VIN = VCC or GND
10
0.5
15
1.0
25
2.0
Quiescent supply current
ICC
30
2.0
µA
VIN = VCC or GND
10
1
VCC = 10 V , VIN = 4.5 V
Supply current
ISUPP
30
5
mA
VCC = 30 V , VIN = 4.5 V
Input capacitance
CIN
VCC
2.5
pF
VIN = VCC or GND
Note: For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.


Similar Part No. - RD74HV1G32VSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74HV1G32VSE RENESAS-RD74HV1G32VSE Datasheet
135Kb / 6P
   High-Voltage 2-input OR gate
More results

Similar Description - RD74HV1G32VSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74HV1G34 RENESAS-RD74HV1G34_15 Datasheet
149Kb / 8P
   High-Voltage Buffer gate
RD74HV1G34 RENESAS-RD74HV1G34_09 Datasheet
148Kb / 6P
   High-Voltage Buffer gate
logo
IK Semicon Co., Ltd
IW4503B IKSEMICON-IW4503B Datasheet
201Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4503B KODENSHI-KK4503B Datasheet
271Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4049B IKSEMICON-IW4049B Datasheet
154Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4050B KODENSHI-KK4050B Datasheet
218Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4050B INTEGRAL-IW4050B Datasheet
112Kb / 4P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4049B KODENSHI-KK4049B Datasheet
222Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4050B IKSEMICON-IW4050B Datasheet
151Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4049UB INTEGRAL-IW4049UB Datasheet
149Kb / 4P
   HEX BUFFER/CONVERTER High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com