Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62332P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62332P
Description  8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62332P Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62332P Datasheet HTML 1Page - Renesas Technology Corp M62332P Datasheet HTML 2Page - Renesas Technology Corp M62332P Datasheet HTML 3Page - Renesas Technology Corp M62332P Datasheet HTML 4Page - Renesas Technology Corp M62332P Datasheet HTML 5Page - Renesas Technology Corp M62332P Datasheet HTML 6Page - Renesas Technology Corp M62332P Datasheet HTML 7Page - Renesas Technology Corp M62332P Datasheet HTML 8Page - Renesas Technology Corp M62332P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
M62332P/FP, M62337P/FP
REJ03D0864-0300 Rev.3.00 Jun 15, 2007
Page 4 of 9
I
2C BUS Line Characteristics
Item
Symbol
Min
Max
Unit
SCL clock frequency
fSCL
0
100
kHz
Time the bus must be free before a new transmission can
start
tBUF
4.7
µs
Hold time START condition
(After this period, the first clock pulse is generated)
tHD:STA
4.0
µs
Low period of the clock
tLOW
4.7
µs
High period of the clock
tHIGH
4.0
µs
Set-up time for START condition
(Only relevant for a repeated START condition)
tSU:STA
4.7
µs
Hold time DATA
tHD:DAT
0
µs
Set-up time DATA
tSU:DAT
250
µs
Rise time of both SDA and SCL lines
tR
1000
ns
Fall time of both SDA and SCL lines
tF
300
ns
Set-up time for STOP condition
tSU:STO
4.0
µs
Note:
Transmitter must internal provide at least a hold time to bridge the undefined region (300 ns Max) of the falling
edge of SCL.
Timing Chart
VIH
tBUF
tSU:STO
tSU:STA
tHD:DAT
tSU:DAT
tHD:STA
Start
Start
Start
Stop
tHIGH
tLOW
tR, tF
VIL
SDA
VIH
VIL
SCL


Similar Part No. - M62332P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62332P RENESAS-M62332P Datasheet
142Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_08 Datasheet
142Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
More results

Similar Description - M62332P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62332P RENESAS-M62332P_08 Datasheet
142Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62342P MITSUBISHI-M62342P Datasheet
24Kb / 5P
   8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
   8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
   8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62333P RENESAS-M62333P Datasheet
128Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com