Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62290L Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62290L
Description  5.0 V Fixed Output Voltage DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62290L Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62290L_07 Datasheet HTML 1Page - Renesas Technology Corp M62290L_07 Datasheet HTML 2Page - Renesas Technology Corp M62290L_07 Datasheet HTML 3Page - Renesas Technology Corp M62290L_07 Datasheet HTML 4Page - Renesas Technology Corp M62290L_07 Datasheet HTML 5Page - Renesas Technology Corp M62290L_07 Datasheet HTML 6Page - Renesas Technology Corp M62290L_07 Datasheet HTML 7Page - Renesas Technology Corp M62290L_07 Datasheet HTML 8Page - Renesas Technology Corp M62290L_07 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
M62290L/FP
REJ03D0850-0300 Rev.3.00 Jun 15, 2007
Page 3 of 10
Absolute Maximum Ratings
(Ta = 25
°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
16
V
Output current
IO
100
mA
450
mW
5-pin SIP
Power dissipation
Pd
440
mW
Ta = 25
°C
8-pin SOP
4.5
mW/
°C
5-pin SIP
Thermal derating
K
θ
4.4
mW/
°C
Ta
> 25°C
8-pin SOP
Operating temperature
Topr
−20 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
Electrical Characteristics
(Ta = 25
°C, V
CC = 12 V, unless otherwise noted)
Limits
Block
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Supply voltage
VCC
6.0
15
V
All block
Supply current
ICC
780
1100
µA
Without load
Output voltage
VO
4.75
5.00
5.25
V
REF line regulation
Vreg-L
5
30
mV
VCC = 6 to 15 V
Error
Amp.
IN input current
Iin
160
300
µA
Oscillator frequency
fOSC
70
120
170
kHz
Oscillator
Maximum on duty
TDUTY
90
%
CLM
Current limit voltage
VTHCLM
110
140
170
mV
VCC − CLM
Output leakage current
ICL
−1
1
µA
VCC = 15 V, VC = 15 V
Output
Output saturation voltage
Vsat
0.1
0.3
V
IO = 100 mA


Similar Part No. - M62290L_07

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62290L MITSUBISHI-M62290L Datasheet
56Kb / 7P
   5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
More results

Similar Description - M62290L_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62222L RENESAS-M62222L Datasheet
167Kb / 6P
   2.7 V Fixed Output Voltage DC/DC Converter
M62221L RENESAS-M62221L Datasheet
167Kb / 6P
   3.0 V Fixed Output Voltage DC/DC Converter
M62220L RENESAS-M62220L Datasheet
114Kb / 7P
   3.3 V Fixed Output Voltage DC/DC Converter
M62291GP RENESAS-M62291GP Datasheet
88Kb / 6P
   5-Pin SOT-23 5.0 V System Fixed Output Voltage DC/DC Converter
logo
Mitsubishi Electric Sem...
M62222L MITSUBISHI-M62222L Datasheet
25Kb / 3P
   2.7V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62221L MITSUBISHI-M62221L Datasheet
25Kb / 3P
   3.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62220L MITSUBISHI-M62220L Datasheet
25Kb / 3P
   3.3V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62290L MITSUBISHI-M62290L Datasheet
56Kb / 7P
   5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
logo
Renesas Technology Corp
M62292FP RENESAS-M62292FP_07 Datasheet
115Kb / 7P
   3.3 V, 1.8 V Fixed 2-Output Voltage DC/DC Converter
M62293FP RENESAS-M62293FP Datasheet
115Kb / 7P
   3.3 V, 2.5 V Fixed 2-Output Voltage DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com