Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9729 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9729
Description  Stereo Headphone Amplifier with BassMax, Volume Control, and Input Mux
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9729 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9729 Datasheet HTML 1Page - Maxim Integrated Products MAX9729 Datasheet HTML 2Page - Maxim Integrated Products MAX9729 Datasheet HTML 3Page - Maxim Integrated Products MAX9729 Datasheet HTML 4Page - Maxim Integrated Products MAX9729 Datasheet HTML 5Page - Maxim Integrated Products MAX9729 Datasheet HTML 6Page - Maxim Integrated Products MAX9729 Datasheet HTML 7Page - Maxim Integrated Products MAX9729 Datasheet HTML 8Page - Maxim Integrated Products MAX9729 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Stereo Headphone Amplifier with BassMax,
Volume Control, and Input Mux
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS
(VDD = PVDD = SHDN = 3V, PGND = SGND = 0V, C1 = C2 = C3 = 1µF, BM_ = 0V, maximum gain setting = 6dB, volume setting = -16dB
(overall gain = -10dB), BassMax disabled. Load connected between OUT_ and PGND where specified. TA = TMIN to TMAX, unless other-
wise noted. Typical values are at TA = +25°C.) (Notes 1 and 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between a STOP and a
START Condition
tBUF
1.3
µs
Hold Time Repeated for a START
Condition
tHD:STA
0.6
µs
Low Period of the SCL Clock
tLOW
1.3
µs
High Period of the SCL Clock
tHIGH
0.6
µs
Setup Time for a Repeated START
Condition
tSU:STA
0.6
µs
Data Hold Time
tHD:DAT
0
0.9
µs
Data Setup Time
tSU:DAT
100
ns
Rise Time of Both SDA and SCL Signals
tr
300
ns
Fall Time of Both SDA and SCL Signals
tf
300
ns
Setup Time for STOP Condition
tSU:STO
0.6
µs
Pulse Width of Suppressed Spike
tSP
50
ns
Capacitive Load for Each Bus Line
CL_BUS
400
pF
ELECTRICAL CHARACTERISTICS (2.4V Supply) (continued)
(VDD = PVDD = SHDN = 2.4V, PGND = SGND = 0V, C1 = C2 = C3 = 1µF, BM_ = 0V, maximum gain setting = 6dB, volume attenuation
setting = -16dB (overall gain = -10dB), BassMax disabled. Load connected between OUT_ and PGND where specified. THD+N
measurement BW = 22Hz to 22kHz. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BW = 22Hz to 22kHz
98
Signal-to-Noise Ratio
SNR
RL = 32
Ω,
VOUT = 1VRMS,
overall gain =
3.5dB
BW = 22Hz to 22kHz
and A-weighted
101
dB
Into shutdown
79
Click-and-Pop Level
KCP
Peak voltage,
A-weighted,
32 samples per
second
(Notes 3 and 5)
Out of shutdown
79
dBV
Note 1: All specifications are 100% tested at TA = +25°C. Temperature limits are guaranteed by design.
Note 2: VDD and PVDD must be connected together.
Note 3: Inputs AC-coupled to SGND.
Note 4: Both channels loaded and driven in phase.
Note 5: Headphone testing performed with a 32Ω resistive load connected to PGND. Mode transitions are controlled by SHDN. KCP
level is calculated as 20log[(peak voltage during mode transition, no input signal)/1VRMS]. Units are expressed in dBV.
Note 6: Guaranteed by design.


Similar Part No. - MAX9729

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
MAX9729ETI++ MAXIM-MAX9729ETI+ Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results

Similar Description - MAX9729

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
MAX9726 MAXIM-MAX9726 Datasheet
525Kb / 26P
   DirectDrive, Headphone Amplifier with BassMax, I2C, Volume and Gain Control
Rev 0; 9/06
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
   Digital volume control stereo headphone amplifier
logo
Texas Instruments
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
logo
National Semiconductor ...
LM4840 NSC-LM4840 Datasheet
786Kb / 19P
   Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com