Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9395 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9395
Description  2:1 Multiplexers and 1:2 Demultiplexers with Loopback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9395 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9395 Datasheet HTML 3Page - Maxim Integrated Products MAX9395 Datasheet HTML 4Page - Maxim Integrated Products MAX9395 Datasheet HTML 5Page - Maxim Integrated Products MAX9395 Datasheet HTML 6Page - Maxim Integrated Products MAX9395 Datasheet HTML 7Page - Maxim Integrated Products MAX9395 Datasheet HTML 8Page - Maxim Integrated Products MAX9395 Datasheet HTML 9Page - Maxim Integrated Products MAX9395 Datasheet HTML 10Page - Maxim Integrated Products MAX9395 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2:1 Multiplexers and 1:2 Demultiplexers with
Loopback
_______________________________________________________________________________________
7
tPHL
tPLH
80%
20%
20%
80%
50%
VOD = 0V
VOD = 0V
VID = 0V
VOD = 0V
VOD = 0V
VID = 0V
50%
VID = VIN_ _ - VIN_ _
VOD = VOUT_ _ - VOUT_ _
VIN_ _
VIHD
VILD
VIN_ _
VOUT_ _
VOUT_ _
tF
tR
Figure 1. Output Transition Time and Propagation Delay Timing
Diagram
VID = VIN_ _ - VIN_ _
ΔVOD = ⎪VOD - VOD*⎪
RL = 100
Ω ±1%
ΔVOS = ⎪VOS - VOS*⎪
VOD AND VOS ARE MEASURED WITH VID = +100mV.
VOD* AND VOS* ARE MEASURED WITH VID = -100mV.
IN_ _
IN_ _
RL/2
RL/2
VOD
OUT_ _
OUT_ _
MAX9394/MAX9395
EN_ _ = HIGH
VOS
Figure 2. Test Circuit for VOD and VOS
VIHD
VILD
VIHD
VILD
VIH
VIL
tSWITCH
tSWITCH
INB0
INB0
INB1
INB1
VID = 0V
VID = 0V
BSEL
1.5V
INB1
OUT_ _
OUT_ _
EN_0 = EN_1 = HIGH
VID = VIN_ _ - VIN_ _
INB0
INB0
1.5V
VOD = 0V
VOD = 0V
Figure 3. Input to Rising/Falling Edge Select and Mux Switch Timing Diagram


Similar Part No. - MAX9395

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9395 MAXIM-MAX9395 Datasheet
361Kb / 13P
   2:1 Multiplexers and 1:2 Demultiplexers with Loopback
Rev 0; 7/03
MAX9395EHJ MAXIM-MAX9395EHJ Datasheet
361Kb / 13P
   2:1 Multiplexers and 1:2 Demultiplexers with Loopback
Rev 0; 7/03
MAX9395ETI MAXIM-MAX9395ETI Datasheet
361Kb / 13P
   2:1 Multiplexers and 1:2 Demultiplexers with Loopback
Rev 0; 7/03
More results

Similar Description - MAX9395

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9394-MAX9395 MAXIM-MAX9394-MAX9395 Datasheet
361Kb / 13P
   2:1 Multiplexers and 1:2 Demultiplexers with Loopback
Rev 0; 7/03
MAX9396 MAXIM-MAX9396 Datasheet
168Kb / 13P
   2:1 Multiplexer and 1:2 Demultiplexer with Loopback
Rev 0; 1/07
logo
Analog Devices
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
logo
Aeroflex Circuit Techno...
UT54ACS157 AEROFLEX-UT54ACS157 Datasheet
238Kb / 10P
   Quadruple 2 to 1 Multiplexers
logo
Unisonic Technologies
4053 UTC-4053 Datasheet
197Kb / 7P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4053 UTC-4053_12 Datasheet
197Kb / 7P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Aeroflex Circuit Techno...
UT54ACTS157E AEROFLEX-UT54ACTS157E Datasheet
145Kb / 9P
   Quadruple 2 to 1 Multiplexers
logo
Vishay Siliconix
DG9414 VISHAY-DG9414 Datasheet
77Kb / 9P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. F, 17-Feb-03
DG9414 VISHAY-DG9414_08 Datasheet
135Kb / 10P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. G, 14-May-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com