Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9390EHJ+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9390EHJ+
Description  Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9390EHJ+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9390EHJ+ Datasheet HTML 1Page - Maxim Integrated Products MAX9390EHJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX9390EHJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX9390EHJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX9390EHJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX9390EHJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX9390EHJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX9390EHJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX9390EHJ+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Anything-to-LVDS Dual 2 x 2
Crosspoint Switches
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.3V, |VID| = 0.2V, VCM = 1.2V, fIN = 1.34GHz, TA = +25°C.)
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
58
62
66
70
74
78
82
54
-40
85
VCC = 3.6V
VCC = 3.3V
VCC = 3V
OUTPUT AMPLITUDE
vs. FREQUENCY
FREQUENCY (GHz)
2.2
2.0
0.2 0.4 0.6
1.0 1.2 1.4 1.6
0.8
1.8
50
100
150
200
250
300
350
400
0
0
2.4
OUTPUT RISE AND FALL TIMES
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
130
140
150
160
170
180
120
-40
85
tF
fIN = 100MHz
tR
PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
360
370
380
390
400
410
420
430
440
450
350
-40
85
MAX9390
DIFFERENTIAL INPUT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
-50
-40
85
VIN = 0.1V
VIN = 3V
MAX9391
DIFFERENTIAL INPUT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0
10
20
30
40
50
60
70
80
-10
-40
85
VIN = 3.2V
VIN = 0.3V
MAX9390 INPUT CURRENT vs. VIHD
VIHD (V)
3.3
3.0
2.4 2.7
0.6 0.9 1.2 1.5 1.8 2.1
0.3
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
-50
0
3.6
IN_ _ OR
IN_ _ = GND
VCC = 3V
VCC = 3.6V
MAX9391
DIFFERENTIAL INPUT CURRENT vs. VILD
VILD (V)
3.3
3.0
2.4 2.7
0.6 0.9 1.2 1.5 1.8 2.1
0.3
0
3.6
-10
10
0
40
30
20
50
60
70
80
VCC = 3.6V
VCC = 3V
IN_ _ OR
IN_ _ = VCC


Similar Part No. - MAX9390EHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9390EHJ MAXIM-MAX9390EHJ Datasheet
372Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
More results

Similar Description - MAX9390EHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9392 MAXIM-MAX9392 Datasheet
370Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 0; 8/03
MAX9390 MAXIM-MAX9390 Datasheet
372Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
MAX9392 MAXIM-MAX9392_07 Datasheet
183Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 1; 5/07
MAX9152 MAXIM-MAX9152 Datasheet
294Kb / 12P
   800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
19-2003; Rev 0; 4/01
MAX9176 MAXIM-MAX9176 Datasheet
245Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Rev 0; 1/03
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Maxim Integrated Produc...
MAX9174 MAXIM-MAX9174 Datasheet
268Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Rev 0; 4/03
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9376 MAXIM-MAX9376 Datasheet
151Kb / 7P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 0; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com