Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9911EXT+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9911EXT+T
Description  200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9911EXT+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9911EXT+T Datasheet HTML 5Page - Maxim Integrated Products MAX9911EXT+T Datasheet HTML 6Page - Maxim Integrated Products MAX9911EXT+T Datasheet HTML 7Page - Maxim Integrated Products MAX9911EXT+T Datasheet HTML 8Page - Maxim Integrated Products MAX9911EXT+T Datasheet HTML 9Page - Maxim Integrated Products MAX9911EXT+T Datasheet HTML 10Page - Maxim Integrated Products MAX9911EXT+T Datasheet HTML 11Page - Maxim Integrated Products MAX9911EXT+T Datasheet HTML 12Page - Maxim Integrated Products MAX9911EXT+T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
200kHz, 4µA, Rail-to-Rail
I/O Op Amps with Shutdown
_______________________________________________________________________________________
9
Detailed Description
Featuring a maximized ratio of GBW to supply current,
low operating supply voltage, low input bias current,
and rail-to-rail inputs and outputs, the MAX9910–
MAX9913 are an excellent choice for precision or gen-
eral-purpose, low-current, low-voltage, battery-powered
applications. These CMOS devices consume an ultra-
low 4µA (typ) supply current and a 200µV (typ) offset
voltage. For additional power conservation, the
MAX9911/MAX9913 feature a low-power shutdown
mode that reduces supply current to 1nA (typ), and
puts the amplifiers’ output in a high-impedance state.
These devices are unity-gain stable with a 200kHz
GBW product, driving capacitive loads up to 30pF. The
capacitive load can be increased to 250pF when the
amplifier is configured for a 10V/V gain.
Rail-to-Rail Inputs and Outputs
All of the MAX9910–MAX9913 amplifiers have a parallel-
connected n- and p-channel differential input stage that
allows an input common-mode voltage range that
extends 100mV beyond the positive and negative sup-
ply rails, with excellent common-mode rejection.
The MAX9910–MAX9913 are capable of driving the out-
put to within 5mV of both supply rails with a 100k
load. These devices can drive a 5k
Ω load with swings
to within 60mV of the rails. Figure 1 shows the output
voltage swing of the MAX9910–MAX9913 configured as
a unity-gain buffer powered from a single 3V supply.
Low Input Bias Current
The MAX9910–MAX9913 feature ultra-low 1pA (typ)
input bias current. The variation in the input bias current
is minimal with changes in the input voltage due to very
high input impedance (in the order of 1G
Ω).
Applications Information
Driving Capacitive Loads
The MAX9910–MAX9913 amplifiers are unity-gain sta-
ble for loads up to 30pF. However, the capacitive load
can be increased to 250pF when the amplifier is config-
ured for a minimum gain of 10V/V. Applications that
require greater capacitive-drive capability should use
an isolation resistor between the output and the capaci-
tive load (Figure 2). Also, in unity-gain applications with
relatively small RL (approximately 5k
Ω), the capacitive
load can be increased up to 200pF.
PIN
MAX9910
MAX9911
MAX9912
MAX9913
NAME
FUNCTION
11
——
IN+
Noninverting Amplifier Input
224
4
VSS
Negative Supply Voltage
33
——
IN-
Inverting Amplifier Input
44
——
OUT
Amplifier Output
568
10
VDD
Positive Supply Voltage
—5
SHDN
Shutdown
——
11
OUTA
Amplifier Output Channel A
——
22
INA-
Inverting Amplifier Input Channel A
——
33
INA+
Noninverting Amplifier Input Channel A
———
5
SHDNA
Shutdown Channel A
———
6
SHDNB
Shutdown Channel B
——
57
INB+
Noninverting Amplifier Input Channel B
——
68
INB-
Inverting Amplifier Input Channel B
——
79
OUTB
Amplifier Output Channel B
Pin Description


Similar Part No. - MAX9911EXT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9911EXT+T MAXIM-MAX9911EXT+T Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
More results

Similar Description - MAX9911EXT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9912EKA MAXIM-MAX9912EKA Datasheet
508Kb / 17P
   200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9914 MAXIM-MAX9914 Datasheet
502Kb / 15P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9914 MAXIM-MAX9914_V01 Datasheet
838Kb / 12P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
2014
logo
ams AG
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Linear Technology
LTC6261 LINER-LTC6261 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6258 LINER-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
3PEAK INC.
LMV321TP 3PEAK-LMV321TP Datasheet
1Mb / 18P
   40關A, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com