Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC13CDBTR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV320AIC13CDBTR
Description  LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC13CDBTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV320AIC13CDBTR Datasheet HTML 3Page - Texas Instruments TLV320AIC13CDBTR Datasheet HTML 4Page - Texas Instruments TLV320AIC13CDBTR Datasheet HTML 5Page - Texas Instruments TLV320AIC13CDBTR Datasheet HTML 6Page - Texas Instruments TLV320AIC13CDBTR Datasheet HTML 7Page - Texas Instruments TLV320AIC13CDBTR Datasheet HTML 8Page - Texas Instruments TLV320AIC13CDBTR Datasheet HTML 9Page - Texas Instruments TLV320AIC13CDBTR Datasheet HTML 10Page - Texas Instruments TLV320AIC13CDBTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
www.ti.com
Digital Inputs and Outputs
ADC Path Filter
TLV320AIC12, TLV320AIC13
TLV320AIC14, TLV320AIC15
TLV320AIC12K, TLV320AIC14K
SLWS115E – OCTOBER 2001 – REVISED JANUARY 2007
F
s = 8 kHz, Outputs Not Loaded
PARAMETER(1)
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, DOUT
0.8 IOVDD
V
VOL
Low-level output voltage, DOUT
0.1 IOVDD
V
IIH
High-level input current, any digital input
0.5
µA
IIL
Low-level input current, any digital input
0.5
µA
CI
Input capacitance
3
pF
Co
Output capacitance
5
pF
(1)
For VIH (Input high level), when IOVDD < 1.6 V, minimum VIH is 1.1V.
Fs = 8 KHz (1)(2)
TEST
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
CONDITIONS
FIR FILTER
IIR FILTER
0 Hz to 30 Hz
-0.5
0.2
-0.5
0.2
300 Hz to 3 Hz
-0.5
0.25
-0.5
0.25
3.3 Hz
-0.5
0.3
-1.5
0.3
Filter gain relative to gain
dB
at 1020 Hz
3.6 KHz
-3
-3
4 kHz
-35
-20
≥ 4.4 KHz
-74
-60
(1)
The filter gain outside of the passband is measured with respect to the gain at 1020 Hz. The analog input test signal is a sine wave with
0 dB = 4 VI(PP) as the reference level for the analog input signal. The pass band is 0 to 3600 Hz for an 8-KHz sample rate. This pass
band scales linearly with the sample rate.
(2)
The filter characteristics are specified by design and are not tested in production.
7
Submit Documentation Feedback


Similar Part No. - TLV320AIC13CDBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC13 TI-TLV320AIC13 Datasheet
330Kb / 50P
[Old version datasheet]   PRODUCT NOTIFICATION
More results

Similar Description - TLV320AIC13CDBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC20 TI1-TLV320AIC20 Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
[Old version datasheet]   Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Analog Devices
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
   Low Power, Highly Integrated Smart Audio Codec
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
   16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
   16-Bit Mono Audio Voice Codec
Rev 2; 2/12
MAX9860 MAXIM-MAX9860 Datasheet
920Kb / 39P
   16-Bit Mono Audio Voice Codec
Rev 0; 10/08
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com