Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC12IDBT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC12IDBT
Description  LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC12IDBT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC12IDBT Datasheet HTML 2Page - Texas Instruments TLV320AIC12IDBT Datasheet HTML 3Page - Texas Instruments TLV320AIC12IDBT Datasheet HTML 4Page - Texas Instruments TLV320AIC12IDBT Datasheet HTML 5Page - Texas Instruments TLV320AIC12IDBT Datasheet HTML 6Page - Texas Instruments TLV320AIC12IDBT Datasheet HTML 7Page - Texas Instruments TLV320AIC12IDBT Datasheet HTML 8Page - Texas Instruments TLV320AIC12IDBT Datasheet HTML 9Page - Texas Instruments TLV320AIC12IDBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
www.ti.com
Recommended Operating Conditions
TLV320AIC12, TLV320AIC13
TLV320AIC14, TLV320AIC15
TLV320AIC12K, TLV320AIC14K
SLWS115E – OCTOBER 2001 – REVISED JANUARY 2007
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
AIC12/13/14/15
AIC12K/14K
Supply voltage for analog, AVDD
2.7
3.3
3.6
2.7
3.3
3.6
V
Supply voltage for analog output driver, DRVDD
2.7
3.6
2.7
3.6
VSS
Supply voltage for digital core, DVDD
1.65
1.8
1.95
1.65
1.8
1.95
V
Supply voltage for digital I/O, IOVDD
1.1
3.3
3.6
1.1
3.3
3.6
V
VI(analog)
Analog single-ended peak-to-peak input voltage
2
2
V
Between OUTP1 and
600
600
OUTM1 (differential)
Between OUTP2 and
16
16
OUTMV (single-ended)
Between OUTP3 and
RL
Output load resistance,
16
16
OUTMV (single-ended)
Between OUTP2 and
32
32
OUTMV (differential)
Between OUTP3 and
32
32
OUTMV (differential)
CL
Analog output load capacitance
20
20
pF
Digital output capacitance
20
20
pF
Master clock
100
100
MHz
ADC or DAC conversion rate
26
26
kHz
TA
Operating free-air temperature
-40
85
-40
85
°C
6
Submit Documentation Feedback


Similar Part No. - TLV320AIC12IDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC12 TI-TLV320AIC12 Datasheet
330Kb / 50P
[Old version datasheet]   PRODUCT NOTIFICATION
More results

Similar Description - TLV320AIC12IDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC20 TI1-TLV320AIC20 Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
[Old version datasheet]   Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Analog Devices
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
   Low Power, Highly Integrated Smart Audio Codec
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
   16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
   16-Bit Mono Audio Voice Codec
Rev 2; 2/12
MAX9860 MAXIM-MAX9860 Datasheet
920Kb / 39P
   16-Bit Mono Audio Voice Codec
Rev 0; 10/08
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com