Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9213EUM Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9213EUM
Description  Programmable DC-Balanced 21-Bit Serializers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9213EUM Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9213EUM Datasheet HTML 4Page - Maxim Integrated Products MAX9213EUM Datasheet HTML 5Page - Maxim Integrated Products MAX9213EUM Datasheet HTML 6Page - Maxim Integrated Products MAX9213EUM Datasheet HTML 7Page - Maxim Integrated Products MAX9213EUM Datasheet HTML 8Page - Maxim Integrated Products MAX9213EUM Datasheet HTML 9Page - Maxim Integrated Products MAX9213EUM Datasheet HTML 10Page - Maxim Integrated Products MAX9213EUM Datasheet HTML 11Page - Maxim Integrated Products MAX9213EUM Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Programmable DC-Balanced
21-Bit Serializers
8
_______________________________________________________________________________________
VOS(-)
VOS(+)
VOS(-)
VOD(+)
VOD(-)
VOD(-)
TxOUT_- OR TxCLK OUT-
TxOUT_+ OR TxCLK OUT+
ΔVOS = |VOS(+) - VOS(-)|
(TxOUT_+) - (TxOUT_-) OR
(TxCLK OUT+) - (TxCLK OUT-)
ΔVOD = |VOD(+) - VOD(-)|
0V
TCIP
TxCLK IN
ODD TxIN
EVEN TxIN
TxOUT_+ OR
TxCLK OUT+
CL
CL
RL
TxOUT_- OR
TxCLK OUT-
80%
80%
20%
20%
LLHT
LHLT
(TxOUT_+) - (TxOUT_-) OR
(TxCLK OUT+) - (TxCLK OUT-)
Figure 2. Worst-Case Test Pattern
Figure 3. LVDS Output Load and Transition Times
Figure 1. LVDS Output DC Parameters
90%
10%
90%
10%
VIH
TxCLK IN
VIL
TCIT
TCIT
Figure 4. Clock Transition Time Waveform


Similar Part No. - MAX9213EUM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9213EUM MAXIM-MAX9213EUM Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9213EUM MAXIM-MAX9213EUM Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9213EUM++ MAXIM-MAX9213EUM+ Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results

Similar Description - MAX9213EUM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
logo
Fairchild Semiconductor
FIN1215MTDX FAIRCHILD-FIN1215MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9220 MAXIM-MAX9220 Datasheet
904Kb / 18P
   Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
   Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com