Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9246 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9246
Description  21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9246 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9246 Datasheet HTML 5Page - Maxim Integrated Products MAX9246 Datasheet HTML 6Page - Maxim Integrated Products MAX9246 Datasheet HTML 7Page - Maxim Integrated Products MAX9246 Datasheet HTML 8Page - Maxim Integrated Products MAX9246 Datasheet HTML 9Page - Maxim Integrated Products MAX9246 Datasheet HTML 10Page - Maxim Integrated Products MAX9246 Datasheet HTML 11Page - Maxim Integrated Products MAX9246 Datasheet HTML 12Page - Maxim Integrated Products MAX9246 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
21-Bit Deserializers with Programmable
Spread Spectrum and DC Balance
_______________________________________________________________________________________
9
WORST-CASE AND PRBS SUPPLY CURRENT
vs. FREQUENCY
(NON-DC-BALANCED MODE, NO SPREAD)
FREQUENCY (MHz)
35
30
25
20
40
50
60
70
80
90
100
30
15
40
WORST-CASE PATTERN
27 - 1 PRBS
WORST-CASE AND PRBS SUPPLY CURRENT
vs. FREQUENCY
(DC-BALANCED MODE, NO SPREAD)
FREQUENCY (MHz)
35
30
25
20
40
50
60
70
80
90
100
30
15
40
WORST-CASE PATTERN
27 - 1 PRBS
WORST-CASE AND PRBS SUPPLY CURRENT
vs. FREQUENCY
(DC-BALANCED MODE, 2% SPREAD)
FREQUENCY (MHz)
35
30
25
20
40
50
60
70
80
90
100
30
15
40
WORST-CASE PATTERN
27 - 1 PRBS
WORST-CASE AND PRBS SUPPLY CURRENT
vs. FREQUENCY
(DC-BALANCED MODE, 4% SPREAD)
FREQUENCY (MHz)
35
30
25
20
40
50
60
70
80
90
100
30
15
40
WORST-CASE PATTERN
27 - 1 PRBS
RxOUT_ OUTPUT LOADING
LOAD (mA)
2
1
2.9
3.0
3.1
3.2
3.3
3.4
2.8
03
MAX9254
MAX9244
Typical Operating Characteristics
(VCC = PLLVCC = LVDSVCC = VCCO = +3.3V, CL = 8pF, PWRDWN = high, differential input voltage |VID| = 0.2V, input common-mode
voltage VCM = 1.2V, TA = +25°C, MAX9244/MAX9254, unless otherwise noted.)
RxOUT_TRANSITION TIME
vs. OUTPUT SUPPLY VOLTAGE (VCCO)
OUTPUT SUPPLY VOLTAGE (V)
3.5
3.0
2.5
2.0
2
4
6
8
10
12
14
0
1.5
4.0
5.0
4.5
5.5
CLHT
CHLT
RxCLKOUT POWER SPECTRUM
vs. FREQUENCY
(RxCLKIN_ = 33MHz, NO SPREAD)
FREQUENCY (MHz)
33
-40
-30
-20
-10
0
10
20
-50
-70
-60
-80
30
36
RESOLUTION BW = 100kHz
VIDEO BW = 100kHz
ATTENUATION = 50dB
RxCLKOUT POWER SPECTRUM
vs. FREQUENCY
(RxCLKIN_ = 33MHz, 2% SPREAD)
FREQUENCY (MHz)
33
-40
-30
-20
-10
0
10
20
-50
-70
-60
-80
30
36
RESOLUTION BW = 100kHz
VIDEO BW = 100kHz
ATTENUATION = 50dB
RxCLKOUT POWER SPECTRUM
vs. FREQUENCY
(RxCLKIN_ = 33MHz, 4% SPREAD)
FREQUENCY (MHz)
33
-40
-30
-20
-10
0
10
20
-50
-70
-60
-80
30
36
RESOLUTION BW = 100kHz
VIDEO BW = 100kHz
ATTENUATION = 50dB


Similar Part No. - MAX9246

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9246 MAXIM-MAX9246 Datasheet
401Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
MAX9246 MAXIM-MAX9246 Datasheet
256Kb / 23P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 3; 2/09
MAX9246EUM MAXIM-MAX9246EUM Datasheet
401Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
MAX9246EUM MAXIM-MAX9246EUM Datasheet
256Kb / 23P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 3; 2/09
MAX9246GUM MAXIM-MAX9246GUM Datasheet
256Kb / 23P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 3; 2/09
More results

Similar Description - MAX9246

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9242 MAXIM-MAX9242 Datasheet
401Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
MAX9242 MAXIM-MAX9242_09 Datasheet
256Kb / 23P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 3; 2/09
MAX9232 MAXIM-MAX9232 Datasheet
49Kb / 1P
   Programmable Spread-Spectrum and DC-Balance 21-Bit Deserializer
Rev 0; 9/05
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
   Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9220 MAXIM-MAX9220 Datasheet
904Kb / 18P
   Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
logo
Cypress Semiconductor
CY25701 CYPRESS-CY25701_06 Datasheet
317Kb / 8P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701JXC CYPRESS-CY25701JXC Datasheet
216Kb / 7P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701 CYPRESS-CY25701_07 Datasheet
275Kb / 8P
   Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option
logo
auris-GmbH
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
   Oscillator SMD, spread spectrum, programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com