Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJRE22NMF Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ELJRE22NMF
Description  Chip inductors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRE22NMF Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ELJRE22NMF Datasheet HTML 3Page - Panasonic Semiconductor ELJRE22NMF Datasheet HTML 4Page - Panasonic Semiconductor ELJRE22NMF Datasheet HTML 5Page - Panasonic Semiconductor ELJRE22NMF Datasheet HTML 6Page - Panasonic Semiconductor ELJRE22NMF Datasheet HTML 7Page - Panasonic Semiconductor ELJRE22NMF Datasheet HTML 8Page - Panasonic Semiconductor ELJRE22NMF Datasheet HTML 9Page - Panasonic Semiconductor ELJRE22NMF Datasheet HTML 10Page - Panasonic Semiconductor ELJRE22NMF Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Chip Inductors
µH
0.22
230
190
0.27
210
180
0.33
190
170
0.39
±20 %
25.2
175
160
0.47
±10 %
160
155
0.56
150
150
0.68
135
140
0.82
125
130
1.0
115
195
1.2
100
180
1.5
90
170
1.8
85
160
2.2
25
80
155
2.7
7.96
75
145
3.3
65
135
3.9
±10 %
60
130
4.7
55
125
5.6
±5 %
50
120
6.8
45
115
8.2
40
105
10
32
80
12
30
75
15
28
70
18
25
65
22
22
60
27
2.52
21
115
33
20
110
39
18
90
47
20
17
80
56
16
75
68
15
70
82
13
65
100
15
0.796
12
60
Tolerance
ELJFCR22M/KF
ELJFCR27M/KF
ELJFCR33M/KF
ELJFCR39M/KF
ELJFCR47M/KF
ELJFCR56M/KF
ELJFCR68M/KF
ELJFCR82M/KF
ELJFC1R0K/JF
ELJFC1R2K/JF
ELJFC1R5K/JF
ELJFC1R8K/JF
ELJFC2R2K/JF
ELJFC2R7K/JF
ELJFC3R3K/JF
ELJFC3R9K/JF
ELJFC4R7K/JF
ELJFC5R6K/JF
ELJFC6R8K/JF
ELJFC8R2K/JF
ELJFC100K/JF
ELJFC120K/JF
ELJFC150K/JF
ELJFC180K/JF
ELJFC220K/JF
ELJFC270K/JF
ELJFC330K/JF
ELJFC390K/JF
ELJFC470K/JF
ELJFC560K/JF
ELJFC680K/JF
ELJFC820K/JF
ELJFC101K/JF
2. Normal Types FC, FA, SA, FB
s Examples : Type 2520(1008)FC
Q
min.
0.70
0.75
0.85
0.95
1.0
1.1
1.25
1.4
0.65
0.75
0.85
0.95
1.05
1.2
1.3
1.4
1.55
1.75
1.95
2.2
3.5
3.8
4.4
5.0
5.8
6.3
7.1
9.5
11.0
12.1
16.6
19.0
21.0
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
L , Q Test
Freq.( MHz)
V
1 : Self Resonant Frequency V2 : DC Resistance
DC Current
max.(mA)


Similar Part No. - ELJRE22NMF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRE22NFA PANASONIC-ELJRE22NFA Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRE22NFA PANASONIC-ELJRE22NFA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRE22NFA PANASONIC-ELJRE22NFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRE22NFA PANASONIC-ELJRE22NFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRE22NFA PANASONIC-ELJRE22NFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJRE22NMF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com