Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9242 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9242
Description  21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9242 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9242_07 Datasheet HTML 1Page - Maxim Integrated Products MAX9242_07 Datasheet HTML 2Page - Maxim Integrated Products MAX9242_07 Datasheet HTML 3Page - Maxim Integrated Products MAX9242_07 Datasheet HTML 4Page - Maxim Integrated Products MAX9242_07 Datasheet HTML 5Page - Maxim Integrated Products MAX9242_07 Datasheet HTML 6Page - Maxim Integrated Products MAX9242_07 Datasheet HTML 7Page - Maxim Integrated Products MAX9242_07 Datasheet HTML 8Page - Maxim Integrated Products MAX9242_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
21-Bit Deserializers with Programmable
Spread Spectrum and DC Balance
_______________________________________________________________________________________
5
Note 1: Current into a pin is defined as positive. Current out of a pin is defined as negative. All voltages are referenced to ground,
except VTH and VTL.
Note 2: Maximum and minimum limits over temperature are guaranteed by design and characterization. Devices are production
tested at TA = +25°C.
Note 3: To provide a mid level, leave the input open, or, if driven, put driver in high impedance. High-impedance leakage current
must be less than ±10µA.
Note 4: RxCLKOUT limits are scaled based on RxOUT_ measurements, design, and characterization data.
Note 5: One output shorted at a time. Current out of the pin.
Note 6: VTH, VTL, and AC parameters are guaranteed by design and characterization, and are not production tested. Limits are set
at ±6 sigma.
Note 7: CL includes probe and test jig capacitance.
Note 8: RCIP is the period of RxCLKIN. RCOP is the period of RxCLKOUT.
Note 9: RSKM is measured with less than 150ps cycle-to-cycle jitter on RxCLKIN.
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = LVDSVCC = PLLVCC = +3.0V to +3.6V, VCCO = +3.0V to +3.6V, CL = 8pF, PWRDWN = high; SSG = high, open, or low;
DCB = high or low, differential input voltage |VID| = 0.1V to 1.2V, input common-mode voltage VCM = |VID / 2| to 2.4V - |VID / 2|, unless
otherwise noted. Typical values are at VCC = VCCO = LVDSVCC = PLLVCC = +3.3V, |VID| = 0.2V, VCM = +1.25V, TA = +25°C.) (Notes 6, 7, 8)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RxCLKOUT High Time
RCOH
Figures 5a, 5b
0.35 x
RCOP
ns
RxCLKOUT Low Time
RCOL
Figures 5a, 5b
0.35 x
RCOP
ns
RxOUT Setup to RxCLKOUT
RSRC
Figures 5a, 5b
0.3 x
RCOP
ns
RxOUT Hold from RxCLKOUT
RHRC
Figures 5a, 5b
0.45 x
RCOP
ns
RxCLKIN to RxCLKOUT Delay
RCCD
SSG = low, Figures 6a, 6b
4.5 +
(RCIP / 2)
6.5 +
(RCIP / 2)
8.2 +
(RCIP / 2)
ns
Deserializer Phase-Locked-
Loop Set
RPLLS
Figure 7
65,600 x
RCIP
ns
Deserializer Power-Down Delay
RPDD
Figure 8
100
ns
Deserializer Phase-Locked-
Loop Set from SSG Change
RPLLS2
Figure 9
32,800 x
RCIP
ns
Maximum output
frequency
fRxCLKIN
+ 3.6%
fRxCLKIN
+ 4.0%
fRxCLKIN
+ 4.4%
SSG = high,
Figure 10
Minimum output
frequency
fRxCLKIN
- 4.4%
fRxCLKIN
- 4.0%
fRxCLKIN
- 3.6%
Maximum output
frequency
fRxCLKIN
+ 1.8%
fRxCLKIN
+ 2.0%
fRxCLKIN
+ 2.2%
SSG = open,
Figure 10
Minimum output
frequency
fRxCLKIN
- 2.2%
fRxCLKIN
- 2.0%
fRxCLKIN
- 1.8%
Spread-Spectrum Output
Frequency
fRxCLKOUT
SSG = low
fRxCLKIN
fRxCLKIN
MHz
Spread-Spectrum Modulation
Frequency
fSSM
Figure 10
fRxCLKIN /
1016
Hz


Similar Part No. - MAX9242_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9242 MAXIM-MAX9242_09 Datasheet
256Kb / 23P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 3; 2/09
More results

Similar Description - MAX9242_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9242 MAXIM-MAX9242 Datasheet
401Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
MAX9242 MAXIM-MAX9242_09 Datasheet
256Kb / 23P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 3; 2/09
MAX9232 MAXIM-MAX9232 Datasheet
49Kb / 1P
   Programmable Spread-Spectrum and DC-Balance 21-Bit Deserializer
Rev 0; 9/05
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
   Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9220 MAXIM-MAX9220 Datasheet
904Kb / 18P
   Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
logo
Cypress Semiconductor
CY25701 CYPRESS-CY25701_06 Datasheet
317Kb / 8P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701JXC CYPRESS-CY25701JXC Datasheet
216Kb / 7P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701 CYPRESS-CY25701_07 Datasheet
275Kb / 8P
   Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option
logo
auris-GmbH
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
   Oscillator SMD, spread spectrum, programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com