Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB50NE10 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB50NE10
Description  N-channel 100V - 0.021廓 - 50A - D2PAK STripFET??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB50NE10 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB50NE10 Datasheet HTML 2Page - STMicroelectronics STB50NE10 Datasheet HTML 3Page - STMicroelectronics STB50NE10 Datasheet HTML 4Page - STMicroelectronics STB50NE10 Datasheet HTML 5Page - STMicroelectronics STB50NE10 Datasheet HTML 6Page - STMicroelectronics STB50NE10 Datasheet HTML 7Page - STMicroelectronics STB50NE10 Datasheet HTML 8Page - STMicroelectronics STB50NE10 Datasheet HTML 9Page - STMicroelectronics STB50NE10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STB50NE10
6/13
2.1
Electrical characteristics (curves)
Figure 1.
Safe operating area
Figure 2.
Thermal impedance
Figure 3.
Output characterisics
Figure 4.
Transfer characteristics
Figure 5.
Transconductance
Figure 6.
Static drain-source on resistance


Similar Part No. - STB50NE10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB50NE10 STMICROELECTRONICS-STB50NE10 Datasheet
86Kb / 8P
   N - CHANNEL 100V - 0.02ohm - 50A - D2PAK STripFET] POWER MOSFET
STB50NE10L STMICROELECTRONICS-STB50NE10L Datasheet
51Kb / 5P
   N - CHANNEL 100V - 0.020ohm - 50A - D2PAK STripFET POWER MOSFET
More results

Similar Description - STB50NE10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP50NE10 STMICROELECTRONICS-STP50NE10 Datasheet
232Kb / 8P
   N-channel 100V - 0.021??- 50A TO-220 STripFET??Power MOSFET
STB50NE10 STMICROELECTRONICS-STB50NE10 Datasheet
86Kb / 8P
   N - CHANNEL 100V - 0.02ohm - 50A - D2PAK STripFET] POWER MOSFET
STB50NE10L STMICROELECTRONICS-STB50NE10L Datasheet
51Kb / 5P
   N - CHANNEL 100V - 0.020ohm - 50A - D2PAK STripFET POWER MOSFET
STB40NF10 STMICROELECTRONICS-STB40NF10_07 Datasheet
411Kb / 13P
   N-channel 100V - 0.025廓 - 50A - D2PAK Low gate charge STripFET??II Power MOSFET
STB60NF10 STMICROELECTRONICS-STB60NF10_06 Datasheet
370Kb / 15P
   N-channel 100V - 0.019廓 - 80A - TO-220 - D2PAK - I2PAK STripFET??II Power MOSFET
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L_06 Datasheet
406Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STP50NE10L STMICROELECTRONICS-STP50NE10L Datasheet
86Kb / 8P
   N - CHANNEL 100V - 0.020ohm - 50A TO-220 STripFET POWER MOSFET
logo
Fairchild Semiconductor
FDP150N10A FAIRCHILD-FDP150N10A Datasheet
321Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 50A, 15m廓
logo
STMicroelectronics
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
   N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com