Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58WR032KU60ZA6U Datasheet(PDF) 9 Page - STMicroelectronics

Part # M58WR032KU60ZA6U
Description  16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032KU60ZA6U Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M58WR032KU60ZA6U Datasheet HTML 2Page - STMicroelectronics M58WR032KU60ZA6U Datasheet HTML 3Page - STMicroelectronics M58WR032KU60ZA6U Datasheet HTML 4Page - STMicroelectronics M58WR032KU60ZA6U Datasheet HTML 5Page - STMicroelectronics M58WR032KU60ZA6U Datasheet HTML 6Page - STMicroelectronics M58WR032KU60ZA6U Datasheet HTML 7Page - STMicroelectronics M58WR032KU60ZA6U Datasheet HTML 8Page - STMicroelectronics M58WR032KU60ZA6U Datasheet HTML 9Page - STMicroelectronics M58WR032KU60ZA6U Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
M58WRxxxKU, M58WRxxxKL
Revision history
9/10
4
Revision history
Table 4.
Document revision history
Date
Revision
Changes
30-Jan-2007
1
Initial release.


Similar Part No. - M58WR032KU60ZA6U

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR032KU60ZA6U NUMONYX-M58WR032KU60ZA6U Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
More results

Similar Description - M58WR032KU60ZA6U

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR016KU NUMONYX-M58WR016KU Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
M58WT032KT NUMONYX-M58WT032KT Datasheet
2Mb / 117P
   32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
M58LR128KT NUMONYX-M58LR128KT Datasheet
1Mb / 110P
   128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M58LR128KC NUMONYX-M58LR128KC Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58LR128HT STMICROELECTRONICS-M58LR128HT Datasheet
844Kb / 112P
   128 Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
   256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
M58LT128HST STMICROELECTRONICS-M58LT128HST Datasheet
816Kb / 110P
   128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
logo
Numonyx B.V
M58LT128HST NUMONYX-M58LT128HST Datasheet
1Mb / 110P
   128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
M58PR512LE NUMONYX-M58PR512LE Datasheet
2Mb / 123P
   512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com