Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8833ETJ+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8833ETJ+
Description  Dual, 3A, 2MHz Step-Down Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8833ETJ+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8833ETJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX8833ETJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX8833ETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX8833ETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX8833ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX8833ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX8833ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX8833ETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX8833ETJ+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Dual, 3A, 2MHz Step-Down Regulator
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN1 = VIN2 = 3.3V. MAX8833, circuit of Figure 6, TA = +25°C, unless otherwise noted.)
OUTPUT TRACKING (EN1 = EN2)
MAX8833 toc13
1ms/div
DDR TRACKING 1.8V, 0.9V
VOUT1
VOUT2
VPWRGD1
VPWRGD2
1V/div
1V/div
2V/div
2V/div
EXTERNAL SYNCHRONIZATION
MAX8833 toc14
400ns/div
VLX1
VLX2
2V/div
2V/div
2V/div
PULSE GENERATOR SIGNAL. A 10k
Ω RESISTOR
IS CONNECTED BETWEEN THE PULSE
GENERATOR AND FSYNC
OUTPUT PEAK CURRENT LIMIT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
1.7
2.0
1
2
3
4
5
6
7
8
0
0.8
1.1
1.4
2.3
2.6
SHORT CIRCUIT AND RECOVERY
MAX8833 toc11
1ms/div
IL1
VOUT1
500mV/div
2A/div
0A
OUTPUT SEQUENCING (EN2 = PWRGD1)
MAX8833 toc12
1ms/div
VOUT1
VOUT2
VPWRGD1
VPWRGD2
1V/div
1V/div
2V/div
2V/div


Similar Part No. - MAX8833ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8833ETJ++ MAXIM-MAX8833ETJ+ Datasheet
360Kb / 20P
   Dual, 3A, 2MHz Step-Down Regulator
Rev 2; 4/09
More results

Similar Description - MAX8833ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8833 MAXIM-MAX8833_09 Datasheet
360Kb / 20P
   Dual, 3A, 2MHz Step-Down Regulator
Rev 2; 4/09
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
MAX8855 MAXIM-MAX8855_09 Datasheet
636Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulator
Rev 2; 4/09
MAX8855 MAXIM-MAX8855 Datasheet
337Kb / 21P
   Dual, 5A, 2MHz Step-Down Regulator
Rev 0; 8/07
logo
Richtek Technology Corp...
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com