Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8664BEEP+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8664BEEP+
Description  Low-Cost, Dual-Output, Step-Down Controller with Fast Transient Response
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8664BEEP+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8664BEEP+ Datasheet HTML 6Page - Maxim Integrated Products MAX8664BEEP+ Datasheet HTML 7Page - Maxim Integrated Products MAX8664BEEP+ Datasheet HTML 8Page - Maxim Integrated Products MAX8664BEEP+ Datasheet HTML 9Page - Maxim Integrated Products MAX8664BEEP+ Datasheet HTML 10Page - Maxim Integrated Products MAX8664BEEP+ Datasheet HTML 11Page - Maxim Integrated Products MAX8664BEEP+ Datasheet HTML 12Page - Maxim Integrated Products MAX8664BEEP+ Datasheet HTML 13Page - Maxim Integrated Products MAX8664BEEP+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Low-Cost, Dual-Output, Step-Down
Controller with Fast Transient Response
10
______________________________________________________________________________________
The threshold that trips overcurrent protection is set by a
resistor connected from ILIM_ to the drain of the high-
side MOSFET(s). ILIM_ sinks 50µA (typ) through this
resistor. When the drain-source voltage exceeds the volt-
age drop across this resistor during the high-side
MOSFET(s) on-time, an overcurrent fault is triggered. To
prevent glitches from falsely tripping the overcurrent pro-
tection, connect a filter capacitor (0.01µF typically) in
parallel with the overcurrent-setting resistor.
Output Overvoltage Protection (OVP)
During an overvoltage event on one or both of its out-
puts, the MAX8664 latches off the controller. This
occurs when the feedback voltage exceeds its normal
regulation voltage by 150mV for 10µs. In this state, the
low-side MOSFET(s) are on and the high-side MOS-
FET(s) are off to discharge the output. To clear the
latch, cycle EN or the input power.
Thermal-Overload Protection
Thermal-overload protection limits total power dissipa-
tion in the MAX8664. When the junction temperature
exceeds +160°C, an internal thermal sensor shuts down
the device, pulling DH_ and DL_ low for both controllers.
To restart the controller, cycle EN or input power.
Power-Good Output (PWRGD)
PWRGD is an open-drain output that is pulled low when
the output voltage rises above the PWRGD upper
threshold or falls below the PWRGD falling threshold.
PWRGD is held low in shutdown, when VCC is below the
UVLO threshold, during soft-start, and during fault con-
ditions. PWRGD does not reflect the status of controller
2 in the MAX8664A, or when REFIN2 is connected to an
external reference with either version. See Table 1 for
PWRGD operation of the circuits of Figures 2–5 during
fault conditions. For logic-level output voltages, con-
nect an external pullup resistor between PWRGD and
the logic power supply. A 100kΩ resistor works well in
most applications.
Fault-Shutdown Modes
When an overvoltage or overcurrent fault occurs on one
controller of the MAX8664A, the second controller con-
tinues to operate. With the MAX8664B, a fault in one
controller latches off both controllers automatically, and
PWRGD is pulled low. See Table 1 for the fault-shut-
down modes of the circuits shown in Figures 2–5.
Table 1. Fault Shutdown Modes for Circuits of Figures 2–5
MAX8664A (INDEPENDENT)
MAX8664B (JOINT)
CIRCUIT
CONTROLLER 1 FAULT
CONTROLLER 2 FAULT
CONTROLLER 1 FAULT
CONTROLLER 2 FAULT
Figure 2,
Figure 5
(Independent)
Controller 2 remains on.
PWRGD is pulled low.
Controller 1 remains on.
PWRGD remains high.
Controller 2 is shut down.
PWRGD is pulled low.
Controller 1 is shut down.
PWRGD is pulled low.
Figure 3
(Tracking)
Controller 2 shuts down.
PWRGD is pulled low.
Controller 1 remains on.
PWRGD remains high.
Controller 2 is shut down.
PWRGD is pulled low.
Controller 1 is shut down.
PWRGD is pulled low.
Figure 4
(Sequenced)
Controller 2 shuts down.
PWRGD is pulled low.
Controller 1 remains on.
PWRGD remains high.
Controller 2 is shut down.
PWRGD is pulled low.
Controller 1 is shut down.
PWRGD is pulled low.


Similar Part No. - MAX8664BEEP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
   3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
MAX8660 MAXIM-MAX8660 Datasheet
1Mb / 42P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 1; 10/06
MAX8660 MAXIM-MAX8660 Datasheet
826Kb / 43P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 2; 8/09
MAX8660 MAXIM-MAX8660 Datasheet
1Mb / 44P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
2012
MAX8660A MAXIM-MAX8660A Datasheet
1Mb / 42P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 1; 10/06
More results

Similar Description - MAX8664BEEP+

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6725 STMICROELECTRONICS-L6725 Datasheet
533Kb / 27P
   Low cost adjustable step-down controller
logo
Advanced Power Electron...
APE8858A A-POWER-APE8858A Datasheet
134Kb / 7P
   FAST TRANSIENT RESPONSE LINEAR CONTROLLER
logo
Linear Technology
LTC3838-1 LINER-LTC3838-1_15 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3838-1 LINER-LTC3838-1 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3838 LINER-LTC3838_15 Datasheet
726Kb / 54P
   Dual, Fast, Accurate Step- Down DC/DC Controller with Differential Output Sensing
logo
ACE Technology Co., LTD...
ACE500E ACE-ACE500E Datasheet
436Kb / 7P
   Fast Transient Response LDO with Adjustable Output Voltage
VER 1.2
logo
Maxim Integrated Produc...
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
   42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
   60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
   500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186_18 Datasheet
212Kb / 10P
   Fast Transient Response Low Voltage
April, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com