Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8640YEXT12+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8640YEXT12+T
Description  Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8640YEXT12+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8640YEXT12+T Datasheet HTML 1Page - Maxim Integrated Products MAX8640YEXT12+T Datasheet HTML 2Page - Maxim Integrated Products MAX8640YEXT12+T Datasheet HTML 3Page - Maxim Integrated Products MAX8640YEXT12+T Datasheet HTML 4Page - Maxim Integrated Products MAX8640YEXT12+T Datasheet HTML 5Page - Maxim Integrated Products MAX8640YEXT12+T Datasheet HTML 6Page - Maxim Integrated Products MAX8640YEXT12+T Datasheet HTML 7Page - Maxim Integrated Products MAX8640YEXT12+T Datasheet HTML 8Page - Maxim Integrated Products MAX8640YEXT12+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Tiny 500mA, 4MHz/2MHz Synchronous
Step-Down DC-DC Converters
_______________________________________________________________________________________
5
PIN
NAME
FUNCTION
1LX
Inductor Connection to the Internal Drains of the p-channel and n-channel MOSFETs. High impedance
during shutdown.
2, 5
GND
Ground. Connect these pins together directly under the IC.
3
OUT
Output Sense Input. Bypass with a ceramic capacitor as close as possible to pin 3 (OUT) and pin 2 (GND).
OUT is internally connected to the internal feedback network.
4
SHDN
Active-Low Shutdown Input. Connect to IN or logic-high for normal operation. Connect to GND or logic-low for
shutdown mode.
6IN
Supply Voltage Input. Input voltage range is 2.7V to 4.9V. Bypass with a ceramic capacitor as close as
possible to pin 6 (IN) and pin 5 (GND).
Pin Description
Detailed Description
The MAX8640Y/MAX8640Z step-down converters deliv-
er over 500mA to outputs from 0.8V to 2.5V. They utilize
a proprietary hysteretic PWM control scheme that
switches at up to 4MHz (MAX8640Z) or 2MHz
(MAX8640Y), allowing some trade-off between efficien-
cy and size of external components. At loads below
100mA, the MAX8640Y/MAX8640Z automatically switch
to pulse-skipping mode to minimize the typical quies-
cent current (24µA). Output ripple remains low at all
loads, while the skip-mode switching frequency
remains ultrasonic down to 1mA (typ) loads. Figure 1 is
the simplified functional diagram.
Control Scheme
A proprietary hysteretic PWM control scheme ensures
high efficiency, fast switching, fast transient response,
low output ripple, and physically tiny external compo-
nents. This control scheme is simple: when the output
voltage is below the regulation threshold, the error
comparator begins a switching cycle by turning on the
high-side switch. This switch remains on until the mini-
mum on-time expires and the output voltage is above
the regulation threshold or the inductor current is above
the current-limit threshold. Once off, the high-side
switch remains off until the minimum off-time expires
and the output voltage falls again below the regulation
threshold. During the off period, the low-side synchro-
nous rectifier turns on and remains on until either the
high-side switch turns on again or the inductor current
approaches zero. The internal synchronous rectifier
eliminates the need for an external Schottky diode.
Voltage-Positioning Load Regulation
The MAX8640Y/MAX8640Z utilize a unique feedback
network. By taking DC feedback from the LX node, the
usual phase lag due to the output capacitor is
removed, making the loop exceedingly stable and
allowing the use of very small ceramic output capacitors.
This configuration yields load regulation equal to the
inductor’s series resistance multiplied by the load current.
This voltage-positioning load regulation greatly reduces
overshoot during load transients, effectively halving the
peak-to-peak output-voltage excursions compared to tra-
ditional step-down converters. See the Load-Transient
Response in the Typical Operating Characteristics.
Shutdown Mode
Connecting SHDN to GND or logic low places the
MAX8640Y/MAX8640Z in shutdown mode and reduces
supply current to 0.1µA (typ). In shutdown, the control
circuitry and internal MOSFET switches turn off and LX
becomes high impedance. Connect SHDN to IN or
logic high for normal operation.
PWM
LOGIC
MAX8640Y
MAX8640Z
GND
LX
IN
SHDN
0.6V
OUT
Figure 1. Simplified Functional Diagram


Similar Part No. - MAX8640YEXT12+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8640YEXT12+T MAXIM-MAX8640YEXT12+T Datasheet
308Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640YEXT12+T MAXIM-MAX8640YEXT12+T Datasheet
458Kb / 12P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
MAX8640YEXT12+T MAXIM-MAX8640YEXT12+T Datasheet
548Kb / 13P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
More results

Similar Description - MAX8640YEXT12+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8640Y MAXIM-MAX8640Y_09 Datasheet
458Kb / 12P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
MAX8640Y_0710 MAXIM-MAX8640Y_0710 Datasheet
308Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640Y MAXIM-MAX8640Y_V01 Datasheet
548Kb / 13P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
   500mA Synchronous Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655_10 Datasheet
301Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com