Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8545EUB+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8545EUB+
Description  Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8545EUB+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8545EUB+ Datasheet HTML 1Page - Maxim Integrated Products MAX8545EUB+ Datasheet HTML 2Page - Maxim Integrated Products MAX8545EUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX8545EUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX8545EUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX8545EUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX8545EUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX8545EUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX8545EUB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Low-Cost, Wide Input Range, Step-Down
Controllers with Foldback Current Limit
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VL = VCC = 5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND unless otherwise noted.)
VIN to GND ............................................................-0.3V to +30V
VCC to GND .............................-0.3V, lower of 6V or (VL + 0.3V)
FB to GND ................................................................-0.3V to +6V
BST to GND ............................................................-0.3V to +36V
VL, DL, COMP to GND ..............................-0.3V to (VCC + 0.3V)
BST to LX..................................................................-0.3V to +6V
DH to LX ....................................................-0.3V to (VBST + 0.3V)
VL Short to GND ......................................................................5s
LX to GND ................................................................-1V to +30V
Input Current (any pin) .....................................................±50mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ..........444mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = VL, VIN separate from VCC
4.9
28.0
VIN Operating Range
VIN
VIN = VL = VCC
2.7
5.5
V
VIN Undervoltage Lockout
(UVLO) Trip Level
Rising and falling edge, hysteresis = 2%
2.35
2.50
2.66
V
VIN Operating Supply Current
VFB = 0.88V (no switching)
0.7
1.2
mA
VL Output Voltage
5.5V < VIN < 28V, VCC = VL,
1mA < ILOAD < 25mA
4.7
5
5.3
V
Thermal Shutdown
Rising temperature, typical
hysteresis = 10
°C (Note 1)
+160
°C
OSCILLATOR
MAX8545, MAX8546
250
300
360
Frequency
fOSC
MAX8548
80
100
120
kHz
DH output, MAX8545, MAX8546
5
Minimum Duty Cycle
DCMIN
MAX8548
10
%
DH output, MAX8545, MAX8546
83
86
Maximum Duty Cycle
DCMAX
MAX8548
90
95
%
SOFT-START
MAX8545, MAX8546
6.6
Digital Ramp Period
MAX8548
10.2
ms
MAX8545, MAX8546
VOUT / 64
Soft-Start Levels
MAX8548
VOUT / 32
V


Similar Part No. - MAX8545EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8545EUB MAXIM-MAX8545EUB Datasheet
343Kb / 18P
   Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
Rev 0; 7/03
More results

Similar Description - MAX8545EUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8545 MAXIM-MAX8545 Datasheet
343Kb / 18P
   Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit
Rev 0; 7/03
MAX8597 MAXIM-MAX8597 Datasheet
502Kb / 24P
   Low-Dropout, Wide-Input-Voltage, Step-Down Controllers
Rev 0; 11/04
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
   2A Step-Down Converter with Adjustable Input Current Limit
logo
Linear Technology
LT3840 LINER-LT3840_15 Datasheet
290Kb / 24P
   Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
LT3840 LINER-LT3840 Datasheet
290Kb / 24P
   Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
logo
Maxim Integrated Produc...
MAX8576 MAXIM-MAX8576 Datasheet
493Kb / 18P
   3V to 28V Input, Low-Cost, Hysteretic Synchronous Step-Down Controllers
Rev 1; 6/05
logo
Monolithic Power System...
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
   3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
   2A Synchronous Step-Down Converter with Programmable Input Current Limit
logo
Maxim Integrated Produc...
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
   Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
logo
Texas Instruments
TPS5420 TI-TPS5420_15 Datasheet
1,000Kb / 27P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com