Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8640Y Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8640Y
Description  Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8640Y Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8640Y Datasheet HTML 1Page - Maxim Integrated Products MAX8640Y Datasheet HTML 2Page - Maxim Integrated Products MAX8640Y Datasheet HTML 3Page - Maxim Integrated Products MAX8640Y Datasheet HTML 4Page - Maxim Integrated Products MAX8640Y Datasheet HTML 5Page - Maxim Integrated Products MAX8640Y Datasheet HTML 6Page - Maxim Integrated Products MAX8640Y Datasheet HTML 7Page - Maxim Integrated Products MAX8640Y Datasheet HTML 8Page - Maxim Integrated Products MAX8640Y Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Tiny 500mA, 4MHz/2MHz Synchronous
Step-Down DC-DC Converters
_______________________________________________________________________________________
3
Typical Operating Characteristics
(VIN = 3.6V, VOUT = 1.5V, MAX8640Z, L = Murata LQH32CN series, TA = +25°C, unless otherwise noted.)
EFFICIENCY vs. LOAD CURRENT
1.8V OUTPUT
LOAD CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
MAX8640YEXT18
NO-LOAD SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.9
3.3
3.7
4.1
4.5
4.9
5
10
15
20
25
30
35
MAX8640ZEXT15
MAX8640YEXT18
SWITCHING FREQUENCY
vs. LOAD CURRENT
LOAD CURRENT (mA)
0
100
200
300
400
500
0.1
1
10
MAX8640ZEXT15
MAX8640YEXT18
OUTPUT VOLTAGE vs. LOAD CURRENT
(VOLTAGE POSITIONING)
LOAD CURRENT (mA)
0
100
200
300
400
500
1.30
1.35
1.40
1.45
1.50
1.55
MAX8640ZEXT15
ILX
VLX
VOUT
200mA/div
2V/div
20mV/div
(AC-COUPLED)
10
μs/div
LIGHT-LOAD SWITCHING WAVEFORMS
(IOUT = 1mA)
MAX8640Y/Z toc05
ILX
VLX
VOUT
200mA/div
2V/div
0V
0mA
20mV/div
(AC-COUPLED)
200ns/div
MEDIUM-LOAD SWITCHING WAVEFORMS
(IOUT = 40mA)
MAX8640Y/Z toc06
ILX
VLX
VOUT
200mA/div
2V/div
0V
0mA
20mV/div
(AC-COUPLED)
200ns/div
HEAVY-LOAD SWITCHING WAVEFORMS
(IOUT = 300mA)
MAX8640Y/Z toc07


Similar Part No. - MAX8640Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8640Y MAXIM-MAX8640Y Datasheet
458Kb / 12P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
MAX8640Y MAXIM-MAX8640Y Datasheet
308Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640Y MAXIM-MAX8640Y Datasheet
548Kb / 13P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
MAX8640YEXT08+T MAXIM-MAX8640YEXT08+T Datasheet
308Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640YEXT08+T MAXIM-MAX8640YEXT08+T Datasheet
458Kb / 12P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
More results

Similar Description - MAX8640Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8640Y MAXIM-MAX8640Y_09 Datasheet
458Kb / 12P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
MAX8640Y_0710 MAXIM-MAX8640Y_0710 Datasheet
308Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640Y MAXIM-MAX8640Y_V01 Datasheet
548Kb / 13P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
   500mA Synchronous Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655_10 Datasheet
301Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com