Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41ST85WMH6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M41ST85WMH6
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMH6 Datasheet(HTML) 5 Page - STMicroelectronics

  M41ST85WMH6 Datasheet HTML 1Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 2Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 3Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 4Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 5Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 6Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 7Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 8Page - STMicroelectronics M41ST85WMH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5/34
M41ST85W
Figure 3. Logic Diagram
Note: 1. For 28-pin, 300mil embedded crystal SOIC only.
Table 1. Signal Names
Note: 1. For 28-pin, 300mil embedded crystal SOIC only.
Figure 4. 28-pin SOIC Connections
Figure 5. 28-pin, 300mil SOIC (MX)
Connections
Note: No Function (NF) pins should be tied to VSS. Pins 1, 2, 3, and
4 are internally shorted together.
AI03658
SCL
VCC
M41ST85W
EX
VSS
VBAT
(1)
SDA
RSTIN1
IRQ/FT/OUT
SQW
WDI
RSTIN2
PFI
ECON
RST
PFO
VOUT
ECON
Conditioned Chip Enable Output
EX
External Chip Enable
IRQ/FT/OUT
Interrupt/Frequency Test/Out Output
(Open Drain)
PFI
Power Fail Input
PFO
Power Fail Output
RST
Reset Output (Open Drain)
RSTIN1
Reset 1 Input
RSTIN2
Reset 2 Input
SCL
Serial Clock Input
SDA
Serial Data Input/Output
SQW
Square Wave Output
WDI
Watchdog Input
VCC
Supply Voltage
VOUT
Voltage Output
VSS
Ground
VBAT
(1)
Battery Supply Voltage
NC
No Connect
NF
No Function
AI03659
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
28
27
26
25
24
23
1
RSTIN1
RSTIN2
NC
NC
NC
NC
WDI
NC
NC
IRQ/FT/OUT
NC
VOUT
NC
NC
EX
NC
PFI
SCL
NC
NC
PFO
ECON
VSS
SDA
RST
NC
SQW
VCC
M41ST85W
AI06370d
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
28
27
26
25
24
23
1
RSTIN1
RSTIN2
NC
NF
NC
NC
SQW
WDI
NF
NC
IRQ/FT/OUT
NC
VOUT
NC
EX
PFI
SCL
NC
PFO
ECON
VSS
VBAT
NC
SDA
RST
NF
NF
VCC
M41ST85W


Similar Part No. - M41ST85WMH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST85WMH6 STMICROELECTRONICS-M41ST85WMH6 Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M41ST85WMH6 STMICROELECTRONICS-M41ST85WMH6 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85WMH6E STMICROELECTRONICS-M41ST85WMH6E Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85WMH6F STMICROELECTRONICS-M41ST85WMH6F Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85WMH6TR STMICROELECTRONICS-M41ST85WMH6TR Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
More results

Similar Description - M41ST85WMH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
logo
Maxim Integrated Produc...
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
logo
STMicroelectronics
M41T315Y STMICROELECTRONICS-M41T315Y_07 Datasheet
241Kb / 30P
   Serial access phantom RTC supervisor
M41ST87Y STMICROELECTRONICS-M41ST87Y_08 Datasheet
461Kb / 48P
   5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
M41ST87W STMICROELECTRONICS-M41ST87W_11 Datasheet
787Kb / 54P
   5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
M41T315Y STMICROELECTRONICS-M41T315Y Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
M41ST87Y STMICROELECTRONICS-M41ST87Y_10 Datasheet
695Kb / 52P
   5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M41ST95W STMICROELECTRONICS-M41ST95W Datasheet
545Kb / 35P
   5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com