Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8529 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8529
Description  1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8529 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8529_07 Datasheet HTML 7Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 8Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 9Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 10Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 11Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 12Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 13Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 14Page - Maxim Integrated Products MAX8529_07 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
600k
Ω. In adjustable mode, the current-limit threshold
across the low-side MOSFET is precisely 1/10th the
voltage seen at ILIM_. However, the current-limit
threshold defaults to 100mV when ILIM is connected to
VL. The logic threshold for switchover to this 100mV
default value is approximately VL - 0.5V.
Adjustable foldback current limit reduces power dissi-
pation during short-circuit conditions (see the Design
Procedure section).
Carefully observe the PC board layout guidelines to
ensure that noise and DC errors do not corrupt the cur-
rent-sense signals seen by LX_ and PGND. The IC
must be mounted close to the low-side MOSFET with
short direct traces making a Kelvin sense connection
so that trace resistance does not add to the intended
sense resistance of the low-side MOSFET.
Undervoltage Lockout and Startup
If VL drops below 4.5V, the MAX8529 assumes that the
supply and reference voltages are too low to make valid
decisions and activates the undervoltage lockout (UVLO)
circuitry, which forces DH low and DL high to inhibit
switching. RST is also forced low during UVLO. After VL
rises above 4.5V, the controller powers up the outputs.
Enable (EN), Soft-Start, and Soft-Stop
Pull EN high to enable or low to shut down both regula-
tors. During shutdown the supply current drops to 1mA
(max), LX enters a high-impedance state (DH_ con-
nected to LX_, and DL_ connected to PGND), and
COMP_ is discharged to GND through a 17
Ω resistor.
VL and REF remain active in shutdown. For “always-on”
operation, connect EN to VL.
On the rising edge of EN both controllers enter soft-
start. Soft-start gradually ramps up to the reference
voltage seen by the error amplifier in order to control
the outputs’ rate of rise and reduce input surge cur-
rents during startup. The soft-start period is 1024 clock
cycles (1024/fSW), and the internal soft-start DAC
ramps up the voltage in 64 steps. The output reaches
regulation when soft-start is completed. On the falling
edge of EN both controllers simultaneously enter soft-
stop, which reverses the soft-start ramp. The part
enters shutdown after soft-stop is complete.
Reset Output
RST is an open-drain output. RST pulls low when either
output falls below 90% of its nominal regulation voltage.
Once both outputs exceed 90% of their nominal regulation
voltages and both soft-start cycles are completed, RST
goes high impedance. To obtain a logic-voltage output,
connect a pullup resistor from RST to the logic supply
voltage. A 100k
Ω resistor works well for most applications.
If unused, leave RST grounded or unconnected.
Clock Synchronization (SYNC, CKO)
SYNC serves two functions: SYNC selects the clock
output (CKO) type used to synchronize slave con-
trollers, or it serves as a clock input so the MAX8529
can be synchronized with an external clock signal. This
allows the MAX8529 to function as either a master or
slave. CKO provides a clock signal synchronized to the
MAX8529’s switching frequency, allowing either in-
phase (SYNC = GND) or 90-degrees out-of-phase
(SYNC = VL) synchronization of additional DC-to-DC
controllers (Figure 5). The MAX8529 supports the fol-
lowing three operating modes:
• SYNC = GND: The CKO output frequency equals
REG1’s switching frequency (fCKO = fDH1) and the
CKO signal is in phase with REG1’s switching fre-
quency. This provides 2-phase operation when syn-
chronized with a second slave controller.
• SYNC = VL: The CKO output frequency equals two
times REG1’s switching frequency (fCKO = 2fDH1)
and the CKO signal is phase shifted by 90 degrees
with respect to REG1’s switching frequency. This
provides 4-phase operation when synchronized with
a second MAX8529 (slave controller).
• SYNC Driven by External Oscillator: The controller
generates the clock signal by dividing down the
SYNC input signal, so that the switching frequency
equals half the synchronization frequency (fSW =
fSYNC / 2). REG1’s conversion cycles initiate on the
rising edge of the internal clock signal. The CKO out-
put frequency and phase match REG1’s switching
frequency (fCKO = fDH1) and the CKO signal is in
phase. Note that the MAX8529 still requires ROSC
when SYNC is externally clocked and the internal
oscillator frequency should be set to 50% of the syn-
chronization frequency (fOSC = 0.5 fSYNC).
Thermal-Overload Protection
Thermal-overload protection limits total power dissipation
in the MAX8529. When the device’s die junction tempera-
ture exceeds TJ = +160°C, an on-chip thermal sensor
shuts down the device, forcing DL_ and DH_ low, allow-
ing the IC to cool. The thermal sensor turns the part on
again after the junction temperature cools by 10°C.
During thermal shutdown, the regulators shut down, RST
goes low, and soft-start is reset. If the VL linear-regulator
output is short-circuited, thermal-overload protection is
triggered.
1.5MHz Dual 180° Out-of-Phase
PWM Step-Down Controller with POR
______________________________________________________________________________________
11


Similar Part No. - MAX8529_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8529EEG MAXIM-MAX8529EEG Datasheet
447Kb / 21P
   1.5MHz Dual 180 Out-of-Phase PWM Step-Down Controller with POR
Rev 0; 1/03
More results

Similar Description - MAX8529_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8529 MAXIM-MAX8529 Datasheet
447Kb / 21P
   1.5MHz Dual 180 Out-of-Phase PWM Step-Down Controller with POR
Rev 0; 1/03
MAX1875 MAXIM-MAX1875 Datasheet
493Kb / 21P
   Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR
Rev 0; 7/02
MAX1858 MAXIM-MAX1858 Datasheet
537Kb / 21P
   Dual 180째 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR
Rev 0; 7/02
logo
Renesas Technology Corp
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Intersil Corporation
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
ISL9444 INTERSIL-ISL9444 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Renesas Technology Corp
ISL9443 RENESAS-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com