Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5958AETN+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5958AETN+
Description  Triple PCI Express, Hot-Plug Controllers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5958AETN+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5958AETN+ Datasheet HTML 2Page - Maxim Integrated Products MAX5958AETN+ Datasheet HTML 3Page - Maxim Integrated Products MAX5958AETN+ Datasheet HTML 4Page - Maxim Integrated Products MAX5958AETN+ Datasheet HTML 5Page - Maxim Integrated Products MAX5958AETN+ Datasheet HTML 6Page - Maxim Integrated Products MAX5958AETN+ Datasheet HTML 7Page - Maxim Integrated Products MAX5958AETN+ Datasheet HTML 8Page - Maxim Integrated Products MAX5958AETN+ Datasheet HTML 9Page - Maxim Integrated Products MAX5958AETN+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Triple PCI Express, Hot-Plug Controllers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(V12VIN = V12S_+ = 12V, V3.3S_+ = V3.3S_- = V3.3AUXIN = VON_ = VAUXON_ = VFON_ = 3.3V, PWRGD_ = FAULT_ = PORADJ = TIM =
OUTPUT_ = OPEN, INPUT_ = PRES-DET_ = PGND = GND. See the
Typical Application Circuit.)
12V UNDERVOLTAGE LOCKOUT
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
9.85
9.90
9.95
10.00
10.05
10.10
10.15
10.20
9.80
-40
85
3.3VAUXON UNDERVOLTAGE LOCKOUT
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
2.54
2.58
2.62
2.66
2.70
2.52
2.56
2.60
2.64
2.68
2.50
-40
85
12V TURN-ON/TURN-OFF TIME
MAX5957 toc12
40ms/div
12V OUTPUT
VOLTAGE
12G_
ON_
PWRGD_
10V/div
20V/div
5V/div
5V/div
3.3V TURN-ON/TURN-OFF TIME
MAX5957 toc13
40ms/div
3.3V OUTPUT
5V/div
3.3G_
10V/div
ON_
5V/div
PWRGD_
5V/div
3.3V AUXILIARY TURN-ON/TURN-OFF TIME
MAX5957 toc14
40ms/div
3.3AUXO_OUTPUT
VOLTAGE
2V/div
AUXON_
2V/div
PWRGD_
2V/div
TURN-ON DELAY 3.3V OUTPUT AND
3.3V AUXILIARY OUTPUT
MAX5957 toc15
4ms/div
5V/div
5V/div
5V/div
5V/div
10V/div
3.3VAUXO_
OUTPUT VOLTAGE
3.3 OUTPUT VOLTAGE
3.3 INPUT,
3.3VAUXIN
3.3G_
PWRGD
FAULT CONDITION ON 12V MAIN OUTPUT
(AUTORESTART OPTION)
MAX5957 toc16
12G_
20V/div
0A
0V
0V
0V
FAULT_
5V/div
12V OUTPUT CURRENT
5A/div
100ms/div
12V OUTPUT VOLTAGE
10V/div
tRESTART
RLOAD STEP TO 1.5


Similar Part No. - MAX5958AETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
MAX5950ETJ MAXIM-MAX5950ETJ Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
MAX5951ETJ MAXIM-MAX5951ETJ Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
More results

Similar Description - MAX5958AETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5959 MAXIM-MAX5959 Datasheet
97Kb / 1P
   Quad PCI Express, Hot-Plug Controllers
Rev 0; 7/07
MAX5954 MAXIM-MAX5954 Datasheet
1Mb / 22P
   Single PCI Express, Hot-Plug Controller
Rev 1; 1/06
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Renesas Technology Corp
HIP1011D RENESAS-HIP1011D Datasheet
684Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D_04 Datasheet
353Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Renesas Technology Corp
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
logo
Micrel Semiconductor
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com