Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5097AATE+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5097AATE+
Description  40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5097AATE+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5097AATE+ Datasheet HTML 1Page - Maxim Integrated Products MAX5097AATE+ Datasheet HTML 2Page - Maxim Integrated Products MAX5097AATE+ Datasheet HTML 3Page - Maxim Integrated Products MAX5097AATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX5097AATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX5097AATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX5097AATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX5097AATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX5097AATE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
40V, 600mA Buck Converters with Low-
Quiescent-Current Linear Regulator Mode
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +14V, IOUT = 1mA, CIN = 100µF, COUT = 22µF, L = 22µH, CBP = 1µF, VEN = +2.4V (Figure 2), SGND = PGND = 0V, TA = TJ =
-40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
5V version, MAX5096B/MAX5097B,
5.5V ≤ VIN ≤ 40V, IOUT = 10mA
4.89
5
5.09
V
Output Voltage
VOUT
3.3V version, MAX5096A/MAX5097A,
4V ≤ VIN ≤ 40V, IOUT = 10mA
89
3.3
3.378
V
ADJ Set Point
VADJ
IOUT = 10mA
1.21
1.2375
1.26
V
ADJ Input Bias Current
IFB
VADJ = 4V
0.5
100
nA
Adjustable Output Voltage Range
VADJ
IOUT = 10mA
1.237
11.000
V
Dropout Voltage
∆VDO
IOUT = 100mA,
VOUT = 0.98 x VOUT(NOMINAL) (5V version
only), MAX5096B/MAX5097B
0.37
V
Startup Response Time
Rising edge of EN to
VOUT = 10% VOUT(NOMINAL),
RL = 500Ω, VADJ = SGND,
LDO/BUCK = 4V, CSS = 2nF
300
µs
5V version,
+5.5V ≤ VIN ≤ +40V, IOUT = 100mA
0.125
Line Regulation
∆VOUT /
∆VIN
3.3V version,
+4V ≤ VIN ≤ +40V, IOUT = 100mA
0.093
mV/V
TJ = +25°C
0.242
0.374
5V version,
IOUT = 100µA to
100mA, VIN = +14V
TJ = -40°C to +125°C
0.242
1
TJ = +25°C
0.164
0.237
Load Regulation
∆VOUT /
∆IOUT
3.3V version,
IOUT = 100µA to
100mA, VIN = +14V
TJ = -40°C to +125°C
0.164
1
mV/mA
Power-Supply Rejection Ratio
PSRR
IOUT = 10mA, f = 100Hz, 500mVP-P,
VOUT = +5V, VIN = +14V
60
dB
Short-Circuit Current
ISC
VIN = 6V
150
330
500
mA
BUCK MODE (LDO MODE TRANSITION)
LDO/BUCK High Threshold
2.0
V
LDO/BUCK Low Threshold
0.8
V
LDO/BUCK Input Leakage
LDO/BUCK = 11V
1
µA
Transition Timing from LDO Mode
to Buck Mode
Falling edge of LDO/BUCK to buck
converter on
32
Clock
Periods
Transition Timing from Buck
Mode to LDO Mode
Rising edge of LDO/BUCK to LDO
operation
100
µs
SOFT-START, ENABLE (EN) AND
RESET
Soft-Start Charge Current
ISS
VSS = 0.1V
3
5
7
µA
Soft-Start Reference Voltage
VSS-REF
VOUT = VOUT(NOMINAL) - 20%
0.9
0.99
1.1
V
EN High-Voltage Threshold
VENH
EN = high, regulator on
1.4
V


Similar Part No. - MAX5097AATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5097AATE++ MAXIM-MAX5097AATE+ Datasheet
3Mb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 0; 7/06
MAX5097AATE++ MAXIM-MAX5097AATE+ Datasheet
532Kb / 21P
   40V, 600mA Buck Converters with Low- Quiescent-Current Linear Regulator Mode
Rev 2; 9/07
MAX5097AATE++ MAXIM-MAX5097AATE+ Datasheet
1Mb / 18P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
2015
More results

Similar Description - MAX5097AATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5096_0709 MAXIM-MAX5096_0709 Datasheet
532Kb / 21P
   40V, 600mA Buck Converters with Low- Quiescent-Current Linear Regulator Mode
Rev 2; 9/07
MAX5096 MAXIM-MAX5096_V01 Datasheet
1Mb / 18P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
2015
MAX5096 MAXIM-MAX5096 Datasheet
3Mb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 0; 7/06
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Freescale Semiconductor...
34727 FREESCALE-34727 Datasheet
1Mb / 19P
   600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com